Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4571 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4571
Description  Customer supplied 6 V to 12 V bench supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 5 Page - Analog Devices

  ADA4571 Datasheet HTML 1Page - Analog Devices ADA4571 Datasheet HTML 2Page - Analog Devices ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
HOW TO USE THE SOFTWARE
STARTING UP THE EVALUATION GUI
For maximum performance when the evaluation board is first
powered up, control both the motor and the board using an
external bench power supply. The jumper settings for P9 and
P10 should be set for Ext Motor and Ext +5V as indicated on
the board.
Plug the positive supply for the board into the red terminal, P7,
on the motherboard. This terminal requires 6 V to 12 V which
is then regulated to 5 V on the motherboard using the on-board
ADP3336. This supply powers both the on-board ADC, AD7866,
as well as the daughter board containing the ADA4571.
Plug the positive supply for the motor into the blue terminal,
P6, on the motherboard. Due to mechanical nonlinearities of
the dc motor, such as cogging during coil commuting, extra
errors are introduced to the system at higher rotational
velocities. For best performance, apply 3 V to Ext Motor
terminal. If the motor supplied is a brushless dc motor; 3 V
results in rotational speeds of approximately 2,000 RPM. Speeds
up to 10,000 RPM are possible with a supply voltage of 12 V
applied to this terminal. If the motor supplied is a brushed dc
motor, 3 V results in rotational speeds of approximately
200 RPM.
The nonidealities of the motor result in a higher reported
nonlinearity of the device. This is an artifact of the motor
and not the ADA4571. With an ideal magnetic stimulus, the
ADA4571 has the same angular error performance regardless
of rotational velocity.
Rev. 0 | Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com