Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4571 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4571
Description  Customer supplied 6 V to 12 V bench supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 1 Page - Analog Devices

  ADA4571 Datasheet HTML 1Page - Analog Devices ADA4571 Datasheet HTML 2Page - Analog Devices ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
ADA4571 End of Shaft Evaluation Board
FEATURES
USB 2.0 interface
Jumper for temperature compensation mode enable
Jumper for power down mode enable
Measurement test points and coaxial connectors
EVALUATION KIT CONTENTS
ADA4571 magnetic stimulus:
Dipole magnet
Brushed or brushless dc motor with integrated control
electronics
Evaluation software CD-ROM (Windows® 7 32-bit and 64-bit
compatible GUI)
ADDITIONAL EQUIPMENT NEEDED
Customer supplied 6 V to 12 V bench supply
SDP interface board
USB cable (supplied with SDP interface board)
GENERAL DESCRIPTION
The end of shaft evaluation system is composed of a Windows
LabVIEW® GUI software, an ADA4571 motherboard, a
magnetic stimulus mounted on top of a brushless dc motor, a
daughter board with ADA4571 in its SOIC package, and a USB
interface and controller board, the SDP-S.
The motherboard features an on-board 5 V regulator, a
2-channel simultaneous sampling ADC and jumpers for
enabling the temperature compensation and power-down
modes within the ADA4571. The motherboard also features
test points and unpopulated coaxial connectors for the three
outputs of the device.
The daughter board features the ADA4571 mounted above the
magnetic stimulus as well as test points for the three outputs of
the device.
The SDP board is used to control the ADC on the motherboard
and interface with the GUI.
EVALUATION BOARD CONNECTION DIAGRAM
USB
PC GUI INTERFACE
SDP CONTROL
CARD
EVALUATION
SYSTEM
WITH MAGNETIC
STIMULUS
POWER
SUPPLY
6V TO 12V
SUPPLY
Figure 1. ADA4571 End of Shaft Evaluation System
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 13


Similar Part No. - ADA4571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADA4571-2WHRZ-RL AD-ADA4571-2WHRZ-RL Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571BRZ AD-ADA4571BRZ Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
More results

Similar Description - ADA4571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
logo
International Rectifier
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
Supply voltage 6 to 48 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
Operating supply voltage 2.5 to 6 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com