Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4571 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4571
Description  Customer supplied 6 V to 12 V bench supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices ADA4571 Datasheet HTML 10Page - Analog Devices ADA4571 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
Raw Waveforms
The first figure is labeled Raw Waveforms (see Figure 11).
This figure shows the sampled ADC raw data as the motor is
spinning. The amplitude is shown in 12-bit code. The dual
channel AD7866 simultaneously samples the sine and cosine
channels at 100,000 samples per second. The internal 2.5 V
reference of the AD7866 has been subtracted in hardware as
the readout of the ADC is in twos complement. Therefore, the
two signals are centered around zero in the raw waveform plot.
The magnetic stimulus is sampled over many rotations and
then cropped to three mechanical revolutions or six electrical
revolutions. It is important that these two channels are
simultaneously sampled or extra errors will be introduced
from the phase delay between the sampling of the individual
channels.
Figure 7. Raw Sine and Cosine Waveform
There are two different figures shown depicting these sine and
cosine waveforms. The uncorrected figure has not had any post
processing applied and shows the absolute raw data from the
sensor. For the offset corrected figure, the full three mechanical
revolutions are averaged independently for both the sine and
cosine channels giving the offset for the channel. These offset
values are then subtracted from their respective channel to give
the end waveform centered perfectly about zero.
Note that when powering the board through a USB instead of
by an external power supply there will be some variation in the
supply voltage of the ADA4571. Due to the readout of the
AD7866 being in twos complement form with respect to the
internal 2.5 V reference, the offset of these waveforms will
be higher than the inherent offset of the ADA4571.
Arc Tangent2 (Magnetic Angle)
The second set of figures are labeled ArcTangent (Magnetic
Angle) (see Figure 8). These figures depict the calculated
electrical angle of the ADA4571. This calculation is performed
by the following equation:
Angle = ArcTangent2(VSIN/VCOS)
Because the two AMR bridges are deposited at a 45° relative
angle, the sine and cosine outputs are 90° out of phase. This
constant 90° phase difference results in the calculated angle
over a constant rotary speed as a straight line.
Normally the ArcTangent function will have a range of (−90°
to +90°). However, if quadrant information is kept and cor-
rected for after the calculation the second and third quadrant
can be distinguished from the first and fourth. The function
ArcTangent2 has this quadrant information and therefore the
range is extended to (−180° to +180°). The program then zeros
this waveform and therefore shows the angle between (0° and
360°).
Figure 8. ArcTangent Calculation Plot
The electrical angle period will repeat for every sinusoidal
period of the sine and cosine outputs from the ADA4571. Just
like the raw waveform data, three mechanical revolutions or six
electrical revolutions are used for calculations. This results in
six periods of angle information shown.
The Uncorrected ArcTangent (Magnetic Angle) plot will
have a slight bowed shape to it due to the sensor offset in the
raw waveform. The Offset Corrected ArcTangent (Magnetic
Angle) plot shows the angle information after the offset is
nulled from each individual channel. This offset correction to
the raw waveforms before the ArcTangent calculation results
in a much more linear output plot.
Rev. 0 | Page 7 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com