Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815Z Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1815Z
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815Z Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1815Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
SSD1815
20
REV 1.5
03/2000
SOLOMON
* The formula for the temperature coefficient is:
AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V, TA = -30 to 85°C.)
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
VL2
VL3
VL4
VL5
VL6
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Output
(VL2, VL3, VL4, VL5, VL6 Pins)
LCD Display Voltage Input
(VL2, VL3,VL4, VL5, VL6 Pins)
Voltage reference to VDD, Bias Divider Enabled, 1:7
bias ratio
Voltage reference to VDD, Bias Divider Enabled, 1:9
bias ratio
Voltage reference to VDD, External Voltage Genera-
tor, Bias Divider Disabled
-
-
-
-
-
-
-
-
-
-
VL3
VL4
VL5
VL6
-12V
1/7*VL6
2/7*VL6
5/7*VL6
6/7*VL6
VL6
1/9*VL6
2/9*VL6
7/9*VL6
8/9*VL6
VL6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VDD
VL2
VL3
VL4
VL5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
IOH
IOL
IOZ
Logic High Output Current Source
Logic Low Output Current Drain
Logic Output Tri-state Current Drain Source
Vout = VDD-0.4V
Vout = 0.4V
50
-
-1
-
-
-
-
-50
1
µA
µA
µA
IIL/IIH
Logic Input Current
-1
-
1
µA
CIN
Logic Pins Input Capacitance
-
5
7.5
pF
∆V
L6
Variation of VL6 Output (VDD is fixed)
Regulator
Enabled,
Internal
Contrast
Control
Enabled, Set Contrast Control Register = 0
-
±3
-
%
PTC0
PTC2
PTC4
PTC7
Temperature Coefficient Compensation
Flat Temperature Coefficient (POR)
Temperature Coefficient 2*
Temperature Coefficient 4*
Temperature Coefficient 7*
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
Voltage Regulator Enabled
0
-0.075
-0.15
-0.20
-0.01
-0.10
-0.18
-0.25
-0.075
-0.15
-0.20
-
%/C
%/C
%/C
%/C
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display Timing Generator
Internal Oscillator Enabled, VDD = 2.7V
15
17
19
kHz
FFRM
Frame Frequency
Display ON, Set 132 X 64 Graphic Display
Mode
-
-
Hz
TC(%)=
Vref at 50°C - Vref at 0°C
50°C - 0°C
X
1
Vref at 25°C
X100%
FOSC
4*65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com