Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSD1815Z
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815Z Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSD1815Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SSD1815
4
REV 1.5
03/2000
SOLOMON
Table 1 - SSD1815Z Die Pad Coordinates
PAD #
NAM E
X
Y
PAD #
NAM E
X
Y
PAD #
NAM E
X
Y
1
ROW5 3
-4958.45
-751.98
61
C2 N
266.70
-771.93
116
ROW1 9
5285.18
-768.78
2
ROW5 4
-4882.15
-751.98
62
C2 N
355.60
-771.93
117
ROW1 8
5285.18
-692.48
3
ROW5 5
-4805.85
-751.98
63
C2 N
444.50
-771.93
118
ROW1 7
5285.18
-616.18
4
ROW5 6
-4729.55
-751.98
64
C2 N
533.40
-771.93
119
ROW1 6
5285.18
-539.88
5
ROW5 7
-4653.25
-751.98
65
C2 P
622.30
-771.93
120
ROW1 5
5285.18
-463.58
6
ROW5 8
-4576.95
-751.98
66
C2 P
711.20
-771.93
121
ROW1 4
5285.18
-387.28
7
ROW5 9
-4500.65
-751.98
67
C2 P
800.10
-771.93
122
ROW1 3
5285.18
-310.98
8
ROW6 0
-4424.35
-751.98
68
VS S
889.00
-771.93
123
ROW1 2
5285.18
-234.68
9
ROW6 1
-4348.05
-751.98
69
VS S
977.90
-771.93
124
ROW1 1
5285.18
-158.38
10
ROW6 2
-4271.75
-751.98
70
VF S
1066.80
-771.93
125
ROW1 0
5285.18
-82.08
11
ROW6 3
-4195.45
-751.98
71
VF S
1155.70
-771.93
126
ROW 9
5285.18
-5.78
12
ICON S
-4119.15
-751.98
72
VD D
1244.60
-771.93
127
ROW 8
5285.18
70.53
13
NC
-4000.50
-771.93
73
VD D
1333.50
-771.93
128
ROW 7
5285.18
146.83
14
MSTA T
-3911.60
-771.93
74
VL 2
1422.40
-771.93
129
ROW 6
5285.18
223.13
15
M
-3822.70
-771.93
75
VL 2
1511.30
-771.93
130
ROW 5
5285.18
299.43
16
CL
-3733.80
-771.93
76
VL 3
1600.20
-771.93
131
ROW 4
5285.18
375.73
17
/DOF
-3644.90
-771.93
77
VL 3
1689.10
-771.93
132
ROW 3
5285.18
452.03
18
VS S
-3556.00
-771.93
78
VL 3
1778.00
-771.93
133
ROW 2
5285.18
528.33
19
/CS1
-3467.10
-771.93
79
VL 4
1866.90
-771.93
134
ROW 1
5285.18
604.63
20
CS 2
-3378.20
-771.93
80
VL 4
1955.80
-771.93
135
ROW 0
5285.18
680.93
21
VD D
-3289.30
-771.93
81
VL 4
2044.70
-771.93
136
ICON S
5285.18
757.23
22
/RES
-3200.40
-771.93
82
VL 5
2133.60
-771.93
23
D/C
-3111.50
-771.93
83
VL 5
2222.50
-771.93
24
VS S
-3022.60
-771.93
84
VL 6
2311.40
-771.93
25
R /W
-2933.70
-771.93
85
VL 6
2400.30
-771.93
26
E /RD
-2844.80
-771.93
86
VL 6
2489.20
-771.93
27
VD D
-2755.90
-771.93
87
VF
2578.10
-771.93
28
D 0
-2667.00
-771.93
88
VF
2667.00
-771.93
29
D 1
-2578.10
-771.93
89
VD D
2755.90
-771.93
30
D 2
-2489.20
-771.93
90
VD D
2844.80
-771.93
31
D 3
-2400.30
-771.93
91
NC
2933.70
-771.93
32
D 4
-2311.40
-771.93
92
NC
3022.60
-771.93
33
D 5
-2222.50
-771.93
93
VD D
3111.50
-771.93
34
D 6
-2133.60
-771.93
94
M /S
3200.40
-771.93
35
D 7
-2044.70
-771.93
95
CL S
3289.30
-771.93
36
VD D
-1955.80
-771.93
96
VS S
3378.20
-771.93
37
VD D
-1866.90
-771.93
97
C68/80
3467.10
-771.93
38
VD D
-1778.00
-771.93
98
P/S
3556.00
-771.93
39
VD D
-1689.10
-771.93
99
VD D
3644.90
-771.93
40
VS S
-1600.20
-771.93
100
/HPM
3733.80
-771.93
41
VS S
-1511.30
-771.93
101
VS S
3822.70
-771.93
42
VS S
-1422.40
-771.93
102
IRS
3911.60
-771.93
43
VSS 1
-1333.50
-771.93
103
VD D
4000.50
-771.93
44
VSS 1
-1244.60
-771.93
104
ROW3 1
4119.15
-751.98
45
VSS 1
-1155.70
-771.93
105
ROW3 0
4195.45
-751.98
46
VSS 1
-1066.80
-771.93
106
ROW2 9
4271.75
-751.98
47
VE E
-977.90
-771.93
107
ROW2 8
4348.05
-751.98
48
VE E
-889.00
-771.93
108
ROW2 7
4424.35
-751.98
49
VE E
-800.10
-771.93
109
ROW2 6
4500.65
-751.98
50
VE E
-711.20
-771.93
110
ROW2 5
4576.95
-751.98
51
C3 N
-622.30
-771.93
111
ROW2 4
4653.25
-751.98
52
C3 N
-533.40
-771.93
112
ROW2 3
4729.55
-751.98
53
C3 N
-444.50
-771.93
113
ROW2 2
4805.85
-751.98
54
C3 N
-355.60
-771.93
114
ROW2 1
4882.15
-751.98
55
C1 P
-266.70
-771.93
115
ROW2 0
4958.45
-751.98
56
C1 P
-177.80
-771.93
57
C1 P
-88.90
-771.93
58
C1 N
0.00
-771.93
59
C1 N
88.90
-771.93
60
C1 N
177.80
-771.93
D ie Size:
10.977mm
X
1.912mm
Bump Size:
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
1 - 12
43.5
101.6
116 - 136
101.6
43.5
137 - 268
43.5
101.6
269 - 289
101.6
43.5
13 - 103
61.7
61.7
104 - 115
43.5
101.6
x
Y
(0,0)
PIN 1
PIN115
PIN137
PIN268
Gold bump size tolerance: +/-1.5um.
Die Size: 10.977mm X 1.912mm
Bump Height:
- nominal: 18um
- tolerance:<4um (within die)
<6um (within wafer)
<8um (within lot)
Unit in um unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com