Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1815Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSD1815Z
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1815Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SOLOMON
SSD1815
3
REV 1.5
03/2000
Figure 2 - SSD1815Z Die Pin Assignment
ROW20
ROW21
:
:
ROW30
ROW31
VDD
IRS
VSS
/HPM
VDD
P/S
C68/80
VSS
CLS
M/S
VDD
NC
NC
VDD
VDD
VF
VF
VL6
VL6
VL6
VL5
VL5
VL4
VL4
VL4
VL3
VL3
VL3
VL2
VL2
VDD
VDD
VFS
VFS
VSS
VSS
C2P
C2P
C2P
C2N
C2N
C2N
C2N
C1N
C1N
C1N
C1P
C1P
C1P
C3N
C3N
C3N
C3N
VEE
VEE
VEE
VEE
VSS1
VSS1
VSS1
VSS1
VSS
VSS
VSS
VDD
VDD
VDD
VDD
D7 (SDA)
D6 (SCK)
D5
D4
D3
D2
D1
D0
VDD
E(/RD)
R/W(/WR)
VSS
D/C
/RES
VDD
CS2
/CS1
VSS
/DOF
CL
M
MSTAT
NC
ICONS
ROW63
ROW62
ROW61
:
:
ROW54
ROW53
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG110
SEG111
SEG112
SEG113
SEG114
SEG115
SEG116
SEG117
SEG118
SEG119
SEG120
SEG121
SEG122
SEG123
SEG124
SEG125
SEG126
SEG127
SEG128
SEG129
SEG130
SEG131
PIN #1
:
:
:
:
1
115
137
268
Gold Bump Alignment Mark
This alignment mark contains gold nump for IC
bumping process alignment and IC identifications.
No conductive tracks should be laid underneath
this mark to avoid short circuit.
Note:
1. This diagram showing Die Face Up view.
2. Coordinates and Size of all alignment marks are
in unit um and w.r.t. center of the chip.
Die Size:
10.977mm X 1.912mm
Die Thickness:
533 +/-25um
Bump Pitch:
76.2 um [Min]
Bump Height:
Nominal 18um
Tolerance <4um within die
<8um within lot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com