Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2813C Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 10Page - Active-Semi, Inc ACT2813C Datasheet HTML 11Page - Active-Semi, Inc ACT2813C Datasheet HTML 12Page - Active-Semi, Inc ACT2813C Datasheet HTML 13Page - Active-Semi, Inc ACT2813C Datasheet HTML 14Page - Active-Semi, Inc ACT2813C Datasheet HTML 15Page - Active-Semi, Inc ACT2813C Datasheet HTML 16Page - Active-Semi, Inc ACT2813C Datasheet HTML 17Page - Active-Semi, Inc ACT2813C Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
Input Over Voltage Surge
In the case of pure ceramic input capacitor is
chosen, if the input cable is long, stray inductance
may cause over voltage spikes as twice as the
steady-state voltage when input source is plugged
in. Below input circuit is recommended to avoid
input voltage surge. R1 resistor is added in series
with capacitor C1 to damp the potential LC
resonance as shown in Figure 14.
Inductor and Capacitor Selection
ACT2813/ACT2813C supports SMD components.
2.2uH inductor is recommended. Input side, 4.7uF
ceramic capacitor in series with 2.7Ω resistor are
recommended, on battery side, 22uF ceramic
capacitors is recommended while on output side,
22uFx3 ceramic capacitors are recommended.
Battery Temperature Monitoring
ACT2813 continuously monitors the temperature of
the battery pack by sensing the resistance of its
thermistor,
and
suspends
charging
if
the
temperature of the battery pack exceeds the safety
limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 15. The ACT2813 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The threshold is given by:
60µA×RNOM×kHOT=0.3V→ RNOM×kHOT=5kΩ
60µA×RNOM×kCOLD=1.5V → RNOM×kCOLD= 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD are the ratios of
the thermistor's resistance at the desired hot and cold
thresholds, respectively.
Figure 14. Input over voltage surge protection circuit
Figure 15.
Battery thermal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com