Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2813C Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 15Page - Active-Semi, Inc ACT2813C Datasheet HTML 16Page - Active-Semi, Inc ACT2813C Datasheet HTML 17Page - Active-Semi, Inc ACT2813C Datasheet HTML 18Page - Active-Semi, Inc ACT2813C Datasheet HTML 19Page - Active-Semi, Inc ACT2813C Datasheet HTML 20Page - Active-Semi, Inc ACT2813C Datasheet HTML 21Page - Active-Semi, Inc ACT2813C Datasheet HTML 22Page - Active-Semi, Inc ACT2813C Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 22 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
CH1
CH2
VIN = 5.0V
VBAT = 4.1V
(Schematic as show in Figure 17, Ta = 25°C, unless otherwise specified)
CH3
CH1: VIN, 5V/div
CH2: VnPG, 5V/div
CH3: vout, 2V/div
TIME: 1s/div
Boost Load Transient (80mA-1A-80mA)
CH1
CH2
VBAT = 3.7V
VOUT = 5.0V
IIOST = 2.66A
Boost Load Transient (1A-2.4A-1A)
CH1
CH2
VBAT = 4.2V
VOUT = 5.0V
IIOST = 1.3A
CH1: VOUT, 200mV/div
CH2: IOUT, 1A/div
TIME: 400µs/div
CH1: VOUT, 100mV/div
CH2: IOUT, 1A/div
TIME: 400µs/div
VBAT = 3.7V
VOUT = 5.0V
IIOST = 2.66A
VBAT = 4.1V
VOUT = 5.0V
IOUT = 2.4A
CH1
CH2
VBAT = 3.4V
VOUT = 5.0V
IOUT = 1.0A
CH1
CH2
CH1: VOUT, 20mV/div
CH2: VSW, 2V/div
TIME: 1µs/div
VBAT = 3.4V
VOUT = 5.0V
IOUT = 2.4A
Transition Between Buck Mode
and Boost Mode
SW and Output Waveforms in Boost Mode
SW and Output Waveforms in Boost Mode
CH1: VOUT, 20mV/div
CH2: VSW, 2V/div
TIME: 1µs/div
VIN = 5.0V
VBAT = 4.1V
VIN
VnPG
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com