Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2813C Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 6Page - Active-Semi, Inc ACT2813C Datasheet HTML 7Page - Active-Semi, Inc ACT2813C Datasheet HTML 8Page - Active-Semi, Inc ACT2813C Datasheet HTML 9Page - Active-Semi, Inc ACT2813C Datasheet HTML 10Page - Active-Semi, Inc ACT2813C Datasheet HTML 11Page - Active-Semi, Inc ACT2813C Datasheet HTML 12Page - Active-Semi, Inc ACT2813C Datasheet HTML 13Page - Active-Semi, Inc ACT2813C Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
Figure 2:
ACT2813C System Operation Flow Chart
Latch-Off
ACT2813/ACT2813C has latch off function. If
discharging stops due to battery cut-off, and latch
off will be triggered, it would prevent battery from
discharging again, latch-off is released when input
power is recycled.
Switching Battery Charger
ACT2813/ACT2813C is configured in charge mode
(buck mode) when VIN is valid. In this mode, the
battery is charged with preconditioning, fast charge,
top-off and end of charge (EOC). The typical charge
management is shown in Figure 3 and Figure 4.
CC/CV Regulation Loop
There are CC/CV regulation loops built in ACT2813/
ACT2813C, which regulates either current or
voltage as necessary to ensure fast and safe
charging of the battery. In a normal charge cycle,
this loop regulates the current to the value set by
the external resistor at the ICST pin. Charging
continues at this current until the battery cell voltage
reaches the termination voltage. At this point the
CV loop takes over, and charge current is allowed
to decrease as necessary to maintain charging at
the termination voltage.
Precondition Charge
A new charging cycle begins with the precondition
state, and operation continues in this state until VBAT
exceeds the precondition threshold voltage. When
operating in precondition state, the cell is charged
at a reduced current, 10% of the programmed
maximum fast charge constant current. Once VBAT
reaches the precondition threshold voltage the state
machine jumps to the fast charge state.
Fast Charge
If
battery
voltage
is
above
preconditioning
threshold, buck converter charges battery with
constant current. In fast charge state, the ACT2813/
ACT2813C charges at the current set by the
external resistor connected at the ICST pin. During
a normal charge cycle fast charge continues in CC
mode until VBAT reaches the charge termination
voltage, at which point the ACT2813/ACT2813C
charges in top off state.
Top Off
With the battery voltage approaches the EOC
voltage, charge current decreases as charging
continues. In the top off state, the cell is charged in
constant voltage (CV) mode. During a normal
charging cycle charging proceeds until the charge
current decreases below the end of charge (EOC)
threshold, defined as 15% of fast charge current.
When this happens, the state machine terminates
the charge cycle and jumps to the EOC state.
End of Charge
When charges current decreases to 15% of set fast  
charge current, the buck converter goes into end of
charge mode and keep monitoring the battery
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com