Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8946A Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8946A
Description  Advanced PMU for Hisilicon Processors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8946A Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8946A Datasheet HTML 1Page - Active-Semi, Inc ACT8946A Datasheet HTML 2Page - Active-Semi, Inc ACT8946A Datasheet HTML 3Page - Active-Semi, Inc ACT8946A Datasheet HTML 4Page - Active-Semi, Inc ACT8946A Datasheet HTML 5Page - Active-Semi, Inc ACT8946A Datasheet HTML 6Page - Active-Semi, Inc ACT8946A Datasheet HTML 7Page - Active-Semi, Inc ACT8946A Datasheet HTML 8Page - Active-Semi, Inc ACT8946A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ActivePMU and ActivePath are trademarks of Active-Semi.
-
1 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT8946AQJ203-T
Advanced PMU for Hisilicon Processors
FEATURES
Three Step-Down DC/DC Converters
Four Low-Dropout Linear Regulators
Integrated ActivePath Charger
I2CTM Serial Interface
Advanced Enable/Disable Sequencing Controller
Minimal External Components
Tiny 5×5mm TQFN55-40 Package
 0.75mm Package Height
 Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8946A is a complete, cost effective, highly-
efficient power management solution, optimized for
the unique power, voltage-sequencing, and control
requirements. It is ideal for a wide range of high
performance portable handheld applications such as
human-machine interfaces, control panels, smart grid
infrastructures, network gateways, M2M systems, 2D
barcode scanners, barcode printers, machine vision
equipment, as well as home and commercial building
automations, POS terminals, medical devices and white
goods. This device integrates the complete battery
charging and management system with seven power
supply channels.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators, along with a complete battery charging
solution featuring the advanced ActivePath system-
power selection function.
The three DC/DC converters utilize a high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1100mA of output
current, while the third supports up to 1200mA. All
four low-dropout
linear
regulators
are
high-
performance, low-noise regulators that supply up to
320mA of output current.
The ACT8946A is available in a compact, Pb-Free
and RoHS-compliant TQFN55-40 package.
* I2CTM is a trademark of NXP.
TYPICAL APPLICATION DIAGRAM
Rev 1.0, 08-Jul-16
ACT8946A
ActivePath Charger
Control
PWHLD
REG1
REG2
REG3
REG4
REG5
REG6
REG7
SDA
nRSTO
nIRQ
nPBSTAT
1.8V
1.8V
Vcore_D
.
DDR
.
I/O
TWD
TWCK
GPIO
FIQ/ IRQ
NRST
1.1V
1100mA
320mA
320mA
320mA
320mA
nSTAT
ISET
CHGIN
CHARGE
STATUS
SCL
Hisilicon
Hi351X
Li + Battery
+
TH
Vocre_A
.
3.3V
1100mA
1100mA
Reserved
Reserved
Reserved


Similar Part No. - ACT8946A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results

Similar Description - ACT8946A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8840 ACTIVE-SEMI-ACT8840_14 Datasheet
681Kb / 39P
Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com