Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31010 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSC31010
Description  Analog Output Sensor Signal Conditioner
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31010 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSC31010 Datasheet HTML 1Page - Integrated Device Technology ZSC31010 Datasheet HTML 2Page - Integrated Device Technology ZSC31010 Datasheet HTML 3Page - Integrated Device Technology ZSC31010 Datasheet HTML 4Page - Integrated Device Technology ZSC31010 Datasheet HTML 5Page - Integrated Device Technology ZSC31010 Datasheet HTML 6Page - Integrated Device Technology ZSC31010 Datasheet HTML 7Page - Integrated Device Technology ZSC31010 Datasheet HTML 8Page - Integrated Device Technology ZSC31010 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
RBicLiteTM Analog Output
Sensor Signal Conditioner
ZSC31010
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 20, 2016
2
1
5
6
7
8
3
4
ZSC31010
Bsink
VBP
N/C
VBN
VSS
SIG
TM
VDD
Vgate
0.1
mF
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
JFET
10 nF
ADC
Analog Block
Digital Block
RBicLITE™
ZSC31010
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/
ZACwire
TM
0.1
mF
VSS
VBP
DAC
OUTBUF
ZACwire
TM
Interface
DSP
EEPROM
PREAMP
INMUX
Temp.
Reference
VDD
Regulator
Power Save
POR Osc.
VBN
Vgate
VDD
SIG
TM
Bsink
optional
2.7 to 5.5 V
JFET
(optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
1nF
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive
Portable Devices
Your Innovative Designs
2
1
5
6
7
8
3
4
ZSC31010
Bsink
VBP
N/C
VBN
VSS
SIG
TM
VDD
Vgate
0.1
mF
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
10 nF
ZSC31010 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Ordering Examples (Please see section 11 in the data sheet for additional options.)
Sales Code
Description
Package
ZSC31010CEB
ZSC31010 Die — Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31010CEC
ZSC31010 Die — Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31010CEG1
ZSC31010 SOP8 (150 mil) — Temperature range: -50°C to +150°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31010KIT
ZSC31010 ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB Cable, 5 IC Samples
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com