Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31010 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSC31010
Description  Analog Output Sensor Signal Conditioner
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31010 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSC31010 Datasheet HTML 17Page - Integrated Device Technology ZSC31010 Datasheet HTML 18Page - Integrated Device Technology ZSC31010 Datasheet HTML 19Page - Integrated Device Technology ZSC31010 Datasheet HTML 20Page - Integrated Device Technology ZSC31010 Datasheet HTML 21Page - Integrated Device Technology ZSC31010 Datasheet HTML 22Page - Integrated Device Technology ZSC31010 Datasheet HTML 23Page - Integrated Device Technology ZSC31010 Datasheet HTML 24Page - Integrated Device Technology ZSC31010 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 20, 2016
S
Data Byte
S
P
Start Bit
Parity Bit of Data Byte
Data Bit (Low)
P
1 0 0 1 0 1
1 0
1
Data Bit (High)
1 DATA Byte Packet
(10-bit byte A5H)
0
3.2.4.
ZSC31010 Read Operations
The incoming frame will be checked for proper parity on both, command and data bytes, as well as for any edge
time-outs prior to a full frame being received.
Once a command/data pair is received, the ZSC31010 will perform that command. After the command has been
successfully executed by the IC, the IC will acknowledge success by a transmission of an A5H-byte back to the
master. If the master does not receive an A5H transmission within 130 ms of issuing the command, it must
assume the command was either improperly received or could not be executed.
Figure 3.4
Read Acknowledge
The ZSC31010 transmits 10-bit bytes (1 start bit, 8 data bits, 1 parity bit). During calibration and configuration,
transmissions are normally either A5H or data. A5H indicates successful completion of a command. There are two
different digital output modes configurable (digital output with temperature, and digital output with only bridge
data). During Normal Operation Mode, if the part is configured for digital output of the bridge reading, it first
transmits the high byte of bridge data, followed by the low byte. The bridge data is 14 bits in resolution, so the
upper two bits of the high byte are always zero-padded. There is a 32
μs stop time when the bus is held high
between bytes in a packet.
Figure 3.5
Digital Output (NOM) Bridge Readings
2 DATA Byte Packet
(Digital Bridge Output)
P
7 6 5 4 3 2 1 0
Stop S
P
0 0 5 4 3 2 1 0
S
Data Byte
Bridge High
Data Byte
Bridge Low
S
P
2
Stop
Start Bit
Parity Bit of Data Byte
Data Bit (example: Bit 2)
32 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com