Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31010 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSC31010
Description  Analog Output Sensor Signal Conditioner
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31010 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSC31010 Datasheet HTML 9Page - Integrated Device Technology ZSC31010 Datasheet HTML 10Page - Integrated Device Technology ZSC31010 Datasheet HTML 11Page - Integrated Device Technology ZSC31010 Datasheet HTML 12Page - Integrated Device Technology ZSC31010 Datasheet HTML 13Page - Integrated Device Technology ZSC31010 Datasheet HTML 14Page - Integrated Device Technology ZSC31010 Datasheet HTML 15Page - Integrated Device Technology ZSC31010 Datasheet HTML 16Page - Integrated Device Technology ZSC31010 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 20, 2016
)
Tco
T
B
_
Offset
Raw
_
BR
(
)
Tcg
T
1
(
B
_
Gain
ZB
∗
∆
+
+
∗
∗
∆
+
=
)
ZB
SOT
25
.
1
(
ZB
BR
∗
+
=
2.3.
Digital Signal Processor
A digital signal processor (DSP) is used for processing the converted bridge data as well as for performing
temperature correction and for computing the temperature value for output on the digital channel.
The DSP reads correction coefficients from the EEPROM and can correct for
• Bridge Offset
• Bridge Gain
• Variation of Bridge Offset over Temperature (Tco)
• Variation of Bridge Gain over Temperature (Tcg)
• A Single Second Order Effect (SOT - Second Order Term)
The EEPROM contains a single SOT that can be applied to correct one and only one of the following:
• 2
nd order behavior of bridge measurement
• 2
nd order behavior of Tco
• 2
nd order behavior of Tcg
(For more details, see section 3.6.1.)
If the SOT applies to correcting the bridge reading, then the correction formula for the bridge reading is
represented as a two step process as follows:
(1)
(2)
`
Where:
BR
= Corrected Bridge reading that is fed as digital or analog output on Sig™ pin
ZB
= Intermediate result in the calculations
BR_Raw
= Raw Bridge reading from ADC
T_Raw
= Raw Temperature reading converted from PTAT signal
Gain_B
= Bridge gain term
Offset_B
= Bridge offset term
Tcg
= Temperature coefficient gain
Tco
= Temperature coefficient offset
∆T
= (T_Raw - TSETL)
T_Raw
= Raw Temperature reading converted from PTAT signal
TSETL
= Raw PTAT reference value (See Technical Note—ZSC31010, ZSC31015, and ZSSC3015
Calibration Sequence, DLL, and EXE for details.)
SOT
= Second Order Term
Note:
See section 3.6.2.7 for limitations when SOT applies to the bridge reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com