Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8750L Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
25
3D STEREO ENHANCEMENT
The WM8750L has a digital 3D enhancement option to artificially increase the separation between
the left and right channels. This effect can be used for recording or playback, but not for both
simultaneously. Selection of 3D for record or playback is controlled by register bit MODE3D.
Important:
Switching the 3D filter from record to playback or from playback to record may only be done
when ADC and DAC are disabled. The WM8750L control interface will only allow MODE3D to
be changed when ADC and DAC are disabled (i.e. bits ADCL, ADCR, DACL and DACR in reg.
26 / 1Ah are all zero).
The 3D enhancement function is activated by the 3DEN bit, and has two programmable parameters.
The 3DWIDTH setting controls the degree of stereo expansion. Additionally, one of four filter
characteristics can be selected for the 3D processing, using the 3DFILT control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MODE3D
0
Playback/Record 3D select
0 = 3D selected for Record
1 = 3D selected for Playback
6
3DUC
0
Upper Cut-off frequency
0 = High (2.2kHz at 48kHz
sampling)
1 = Low (1.5kHz at 48kHz sampling)
5
3DLC
0
Lower Cut-off frequency
0 = Low (200Hz at 48kHz sampling)
1 = High (500Hz at 48kHz sampling)
4:1
3DDEPTH
[3:0]
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
R16 (10h)
3D enhance
0
3DEN
0
3D function enable
1: enabled
0: disabled
Table 13 3D Stereo Enhancement Function
When 3D enhancement is enabled (and/or the graphic equaliser for playback) it may be necessary to
attenuate the signal by 6dB to avoid limiting. This is a user selectable function, enabled by setting
ADCDIV2 for the record path and DACDIV2 for the playback path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
ADCDIV2
0
ADC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
R5 (05h)
ADC and DAC
control
7
DACDIV2
0
DAC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
Table 14 ADC and DAC 6dB Attenuation Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com