Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8750L Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
33
ENABLING THE OUTPUTS
Each analogue output of the WM8750L can be separately enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
Outputs can be enabled at any time, except when VREF is disabled (VR=0), as this may cause pop
noise (see “Power Management” and “Applications Information” sections)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
LOUT1
0
LOUT1 Enable
5
ROUT1
0
ROUT1 Enable
4
LOUT2
0
LOUT2 Enable
3
ROUT2
0
ROUT2 Enable
2
MONO
0
MONOOUT Enable
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
OUT3 Enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 27 Analogue Output Control
Whenever an analogue output is disabled, it remains connected to VREF (pin 20) through a resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between VREF and
each output can be controlled using the VROI bit in register 27. The default is low (1.5k
Ω), so that
any capacitors on the outputs can charge up quickly at start-up. If a high impedance is desired for
disabled outputs, VROI can then be set to 1, increasing the resistance to about 40k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to analogue output resistance
0: 1.5 k
Ω
1: 40 k
Ω
Table 28 Disabled outputs to VREF resistance
HEADPHONE SWITCH
The RINPUT3/HPDETECT pin can be used as a headphone switch control input to automatically
disable the speaker output and enable the headphone output e.g. when a headphone is plugged into
a jack socket. In this mode, enabled by setting HPSWEN, HPDETECT switches between headphone
and speaker outputs (e.g. when the pin is connected to a mechanical switch in the headphone socket
to detect plug-in). The HPSWPOL bit reverses the pin’s polarity. Note that the LOUT1, ROUT1,
LOUT2 and ROUT2 bits in register 26 must also be set for headphone and speaker output (see
Table 29 and Table 30).
Note:
When RINPUT3/HPDETECT is used as the HPDETECT input, the thresholds become CMOS levels
(0.3 AVDD / 0.7 AVDD).
HPSWEN
HPSWPOL HPDETECT
(PIN23)
L/ROUT1
(reg. 26)
L/ROUT2
(reg. 26)
Headphone
enabled
Speaker
enabled
0
X
X
0
0
no
no
0
X
X
0
1
no
yes
0
X
X
1
0
yes
no
0
X
X
1
1
yes
yes
1
0
0
X
0
no
no
1
0
0
X
1
no
yes
1
0
1
0
X
no
no
1
0
1
1
X
yes
no
1
1
0
X
0
no
no
1
1
0
X
1
yes
no
1
1
1
0
X
no
no
1
1
1
1
X
no
yes
Table 29 Headphone Switch Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com