Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8750L Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2RO
0
Left DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2RO
0
LMIXSEL Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
R36 (24h)
Right Mixer
Control (1)
6:4
LI2ROVOL
[2:0]
101
(-9dB)
LMIXSEL Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
RD2RO
0
Right DAC to Right Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2RO
0
RMIXSEL Signal to Right Mixer
0 = Disable (Mute)
1 = Enable Path
R37 (25h)
Right Mixer
Control (2)
6:4
RI2ROVOL
[2:0]
101
(-9dB)
RMIXSEL Signal to Right Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 21 Right Output Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2MO
0
Left DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2MO
0
LMIXSEL Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R38 (26h)
Mono Mixer
Control (1)
6:4
LI2MOVOL
[2:0]
101
(-9dB)
LMIXSEL Signal to Mono Mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
RD2MO
0
Right DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
RI2MO
0
RMIXSEL Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R39 (27h)
Mono Mixer
Control (2)
6:4
RI2MOVOL
[2:0]
101
(-9dB)
RMIXSEL Signal to Mono Mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 22 Mono Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com