Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776EFT Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8776EFT
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776EFT Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8776EFT Datasheet HTML 1Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 2Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 3Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 4Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 5Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 6Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 7Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 8Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AIN2L
Analogue Input
Channel 2 left input multiplexor virtual ground
2
AIN1R
Analogue Input
Channel 1 right input multiplexor virtual ground
3
AIN1L
Analogue Input
Channel 1 left input multiplexor virtual ground
4
DACBCLK
Digital input/output
DAC audio interface bit clock
5
DACMCLK
Digital input
Master DAC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
6
DIN
Digital Input
DAC data input
7
DACLRC
Digital input/output
DAC left/right word clock
8
ZFLAGR
Open Drain output
DAC Right Zero Flag output (external pull-up resistor required)
9
ZFLAGL
Open Drain output
DAC Left Zero Flag output (external pull-up resistor required)
10
ADCBCLK
Digital input/output
ADC audio interface bit clock
11
ADCMCLK
Digital input
ADC audio interface master clock
12
DOUT
Digital output
ADC data output
13
ADCLRC
Digital input/output
ADC left/right word clock
14
DGND
Supply
Digital negative supply
15
DVDD
Supply
Digital positive supply
16
MODE
Digital input
Control interface mode select (5V tolerant)
17
CE
Digital input
Serial interface Latch signal (5V tolerant)
18
DI
Digital input
Serial interface data (5V tolerant)
19
CL
Digital input
Serial interface clock (5V tolerant)
20
HPOUTL
Analogue Output
Headphone left channel output
21
HPGND
Supply
Headphone negative supply
22
HPVDD
Supply
Headphone positive supply
23
HPOUTR
Analogue Output
Headphone right channel output
24
NC
Not bonded
25
NC
Not bonded
26
VOUTL
Analogue output
DAC channel left output
27
VOUTR
Analogue output
DAC channel right output
28
VMIDDAC
Analogue output
DAC midrail decoupling pin ; 10uF external decoupling
29
DACREFN
Analogue input
DAC negative reference input
30
DACREFP
Analogue input
DAC positive reference input
31
AUXR
Analogue input
DAC mixer right channel input
32
AUXL
Analogue input
DAC mixer left channel input
33
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
34
ADCREFGND
Supply
ADC negative supply and substrate connection
35
ADCREFP
Analogue Output
ADC positive reference decoupling pin; 10uF external decoupling
36
AVDD
Supply
Analogue positive supply
37
AGND
Supply
Analogue negative supply and subVstrate connection
38
AINVGR
Analogue Input
Right channel multiplexor virtual ground
39
AINOPR
Analogue Output
Right channel multiplexor output
40
AINVGL
Analogue Input
Left channel multiplexor virtual ground
41
AINOPL
Analogue Output
Left channel multiplexor output
42
AIN5R
Analogue Input
Channel 5 right input multiplexor virtual ground
43
AIN5L
Analogue Input
Channel 5 left input multiplexor virtual ground
44
AIN4R
Analogue Input
Channel 4 right input multiplexor virtual ground
45
AIN4L
Analogue Input
Channel 4 left input multiplexor virtual ground
46
AIN3R
Analogue Input
Channel 3 right input multiplexor virtual ground
47
AIN3L
Analogue Input
Channel 3 left input multiplexor virtual ground
48
AIN2R
Analogue Input
Channel 2 right input multiplexor virtual ground
Note : Digital input pins have Schmitt trigger input buffers and pins 16, 17, 18 and 19 are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com