Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776EFT Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8776EFT
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776EFT Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8776EFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8776EFT Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
21
The MSB of the left channel ADC data is output on DOUT and changes on the same falling
edge of ADCBCLK as the low to high ADCLRC transition and may be sampled on the rising
edge of ADCBCLK. The right channel ADC data is contiguous with the left channel data
(Figure 18).
ADCLRC
ADCBCLK
DOUT
Word Length (WL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 18 DSP Late Mode Timing Diagram – ADC Data Output
In both early and late DSP modes, the left channel is always sent first, followed immediately
by the right channel. No DACBCLK edges are allowed between the data words.
CONTROL INTERFACE OPERATION
The WM8776 is controlled by writing to registers through a serial control interface. A control
word consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control
register is accessed. The remaining 9 bits (B8 to B0) are data bits, corresponding to the 9
bits in each control register. The control interface can operate as either a 3-wire or 2-wire
MPU interface. The MODE pin selects the interface format, as shown in Table 10. .
MODE
Control Mode
0
2 wire interface
1
3 wire interface
Table 10 Control Interface Selection via MODE Pin
The control interface is 5V tolerant, meaning that the control interface input signals CE, CL
and DI as well as MODE may have an input high level of 5V while DVDD is 3V. Input
thresholds are determined by DVDD.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
In 3-wire mode, every rising edge of CL clocks in one data bit from the DI pin. A rising edge
on CE latches in a complete control word consisting of the last 16 bits. The 3-wire interface
protocol is shown in Figure 19.
Figure 19 3-wire SPI Compatible Interface
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DI
CL
CE
control register address
control register data bits
latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com