Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8778 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
RAG[7:0]
11001111
(0dB)
Attenuation Data for Right Channel ADC Gain in 0.5dB Steps:
00000000 : digital mute
00000001 : -103dB
………..
11001111 : 0dB
…………
11111110 : +23.5dB
11111111 : +24dB
R15 (0Fh)
0001111
Attenuation
ADCR
8
ZCRA
0
Right ADC Zero Cross Enable:
0: Zero cross disabled
1: Zero cross enabled
3:0
LCT[3:0]
1011
(-5dB)
Limiter Threshold/ALC Target Level in 1dB Steps:
0000: -16dB FS
0001: -15dB FS
…
1101: -3dB FS
1110: -2dB FS
1111: -1dB FS
6:4
MAXGAIN[2:0]
111 (+24dB)
Set Maximum Gain of PGA:
111 : +24dB
110 : +20dB
….(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
R16 (10h)
0010000
ALC Control 1
8:7
LCSEL[1:0]
00
(Limiter)
ALC/Limiter Function Select:
00 = Limiter
01 = ALC Right channel only
10 = ALC Left channel only
11 = ALC Stereo (PGA registers unused)
3:0
HLD[3:0]
0000
(OFF)
ALC Hold Time Before Gain is Increased:
0000: OFF
0001: 2.67ms
0010: 5.33ms
… (time doubles with every step)
1111: 43.691s
7
ALCZC
0 (zero cross
off)
ALC Uses Zero Cross Detection Circuit.
R17 (11h)
0010001
ALC Control 2
8
LCEN
0
Enable Gain Control Circuit.
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com