Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8778 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
36
OVERLOAD DETECTOR (ALC ONLY)
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes an
overload detector. If the ADC input signal exceeds 87.5% of full scale (–1.16dB), the PGA gain is
ramped down at the maximum attack rate (as when ATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
(Note: If ATK = 0000, then the overload detector makes no difference to the operation of the ALC. It
is designed to prevent clipping when long attack times are used).
NOISE GATE (ALC ONLY)
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8778 has a noise gate function that
prevents noise pumping by comparing the signal level at the AINL1/2/3/4/5 and/or AINR1/2/3/4/5 pins
against a noise gate threshold, NGTH. The noise gate cuts in when:
•
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
•
Signal level at input pin [dB] < NGTH [dB]
When the noise gate is triggered, the PGA gain is held constant (preventing it from ramping up as it
would normally when the signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 6dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. Note that the noise gate only works in conjunction with the ALC function, and
always operates on the same channel(s) as the ALC (left, right, both, or none).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
NGAT
0
Noise Gate Function Enable:
1 = enable
0 = disable
R19 (13h)
0010011
Noise Gate
Control
4:2
NGTH[2:0]
000
Noise Gate Threshold (with respect to
ADC output level):
000: -78dBFS
001: -72dBfs
… 6 dB steps
110: -42dBFS
111: -36dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com