Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8778 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Product Preview
WM8778
w
PP Rev 1.7 June 2004
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
ALC/Limiter Attack (gain ramp-down) Time
3:0
ATK[3:0]
0010
(33ms/1ms)
ALC Mode
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with every step)
1010 or higher: 8.6s
Limiter Mode
0000: 250us
0001: 500us…
0010: 1ms
(time doubles with every step)
1010 or higher: 256ms
ALC/Limiter Decay (gain ramp up) Time
7:4
DCY[3:0]
0011
(268ms/
9.6ms)
ALC Mode
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms ….(time
doubles for every step)
1010 or higher: 34.3ms
Limiter Mode
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time doubles
for every step)
1010 or higher: 1.2288s
Frequency Dependant Decay Enable (Limiter only):
0 : disabled
1 : enabled
DCY
20kHz input (or disabled)
1kHz input
R18 (12h)
0011000
ALC Control 3
8
FDECAY
0
0000
0001
0010
……
1010 or higher
1.2ms
2.4ms
4.8ms
……
1.2288ms
24ms
28ms
96ms
……
24.576s
0
NGAT
0
Noise Gate Enable (ALC only):
0 : disabled
1 : enabled
R19 (13h)
0010011
Noise Gate
Control
4:2
NGTH
000
Noise Gate Threshold:
000: -78dBFS
001: -72dBfs
… 6 dB steps
110: -42dBFS
111: -36dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com