Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.481 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 3Page - PULS GmbH CP10.481 Datasheet HTML 4Page - PULS GmbH CP10.481 Datasheet HTML 5Page - PULS GmbH CP10.481 Datasheet HTML 6Page - PULS GmbH CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH CP10.481 Datasheet HTML 10Page - PULS GmbH CP10.481 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
48V
Adjustment range
min.
48-56V
guaranteed
max.
58.0V****)
at clockwise end position of potentiometer
Factory settings
typ.
48.0V
±0.2%, at full load and cold unit
Line regulation
max.
10mV
85-300Vac
Load regulation
max.
50mV
static value, 0A
5.4A; see Fig. 6-1
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
5.4A
at 48V, ambient temperature <60°C, see Fig. 6-1
nom.
6A*)
at 48V, ambient temperature <45°C, see Fig. 15-1
nom.
4.13A
at 48V and 70°C ambient temperature, see Fig. 15-1
nom.
4.6A
at 56V, ambient temperature <60°C, see Fig. 6-1
nom.
5.1A*)
at 56V, ambient temperature <45°C, see Fig. 15-1
nom.
3.53A*)
at 56V and 70°C ambient temperature, see Fig. 15-1
typ.
15A
up to at least 12ms*****), output voltage stays above
40V, see Fig. 6-2 and Fig. 23-3, This peak current is
available once every five seconds (hardware
controlled).
Output power
nom.
259W
continuously available
nom.
288W*)
Power Boost *)
Overload behaviour
cont. current
output voltage > 26Vdc, see Fig. 6-1
HiccupPLUS mode**)
output voltage < 26Vdc, see Fig. 6-1
Short-circuit current
min.
6.3A***)
load impedance <90mOhm, see Fig. 6-3
max.
7.7A***)
load impedance <90mOhm, see Fig. 6-3
max.
2.2A
average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
min.
14.5A
up to 12ms, load impedance <90mOhm, see Fig. 6-2
typ.
16.0A
up to 12ms, load impedance <90mOhm, see Fig. 6-2
Output capacitance
typ.
960μF
included inside the power supply
*)
Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power/ current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
**)
HiccupPLUS Mode
At heavy overloads (when output voltage falls below 26V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the
overload exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3
***)
Discharge current of output capacitors is not included.
****)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not a
guaranteed value which can be achieved. The typical value is about 57.5V.
*****) Reduced pulse length for AC 100V mains.
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com