Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10.481 Datasheet(PDF) 8 Page - PULS GmbH

Part # CP10.481
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 4Page - PULS GmbH CP10.481 Datasheet HTML 5Page - PULS GmbH CP10.481 Datasheet HTML 6Page - PULS GmbH CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH CP10.481 Datasheet HTML 10Page - PULS GmbH CP10.481 Datasheet HTML 11Page - PULS GmbH CP10.481 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CP10.481
CP-Series
48V, 5.4A, SINGLE PHASE INPUT
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Dynamic output current capability,
typ.
Output Voltage
0
06
8
16
24
56V
32
40
48
10A
4
1
2
5
78
3
9
Adjustment
Range
Output Current
Continuous
current
Factory
setting
HiccupPLUS
mode
Output Voltage (dynamic behavior, < 12ms)
0
0
8
16
24
56V
32
40
48
25A
10
515
20
Adjustment
Range
Output Current
Fig. 6-3 Short-circuit on output, HiccupPLUS mode, typ.
Output
Current
0
7A
18s
18s
18s
2s
2s
2s
t
Short -circuit
Normal
operation
Normal
operation
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
67ms
67ms
67ms
at 48V, 2.7A, see Fig. 7-1
min.
50ms
50ms
50ms
at 48V, 2.7A, see Fig. 7-1
typ.
34ms
34ms
34ms
at 48V, 5.4A, see Fig. 7-1
min.
26ms
26ms
26ms
at 48V, 5.4A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
8/27
0
10
20
30
40
80ms
90
120
155
190
230Vac
Input Voltage
50
60
Hold-up Time
70
a
b
c
d
a) 48V 2.7A typ.
b) 48V 2.7A min.
c) 48V 5.4A typ.
d) 48V 5.4A min.
- 5%
Zero Transition
Output
Voltage
Input
Voltage
Hold-up Time
Feb. 2016 / Rev. 1.1 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com