Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0809072000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 42Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
37
84060000 00
84080000 00
84820000 00
84100000 00
84040000 00
84130000 00
84160001 00
84680000 00
84207000 00
84066001 00
84086001 00
84826000 00
84106001 00
84046000 00
84136000 00
84686000 00
84827000 00
84047000 00
84137000 00
84687000 00
• Ergonomic, individual hand-held enclosure in your design
• Available with profiles which are closed, divided horizontally, and open on one side
• High mechanical loading capacity of the profile and EMC screening ensure high level
of protective functions
ALUBOS
Included in delivery
ABP: Closed extrusion only. Black powder-coated Aluminum
sold by the meter
ABPH: Split extrusion only. Black powder-coated Aluminum
sold by the meter
ABPU: Extrusion open on one side. Black powder-coated
Aluminum sold by the meter
Technical Data
Material
Color
Ingress Protection
Aluminum extrusion, Al Mg Si 0.5, powder-coated aluminum diecast lid GD-Al Si 12
Powdercoated Satin Black, similar to RAL 9005, fine texture finish. Special colors on
request. Minimum order quantities apply
IP 65, EN 60529
IP 40 when using parallel adapters (AB-AP) with 600, 800 and 1000 extrusions
Part
Number
Model
Number
Dimensions
mm
Dimensions
Inches
L x W x H
L x W x H
ABP 600-1000
ABP 800-1000
ABP 820-1000
ABP 1000-1000
ABP 1040-1000
ABP 1300-1000
ABP 1600-1000
ABP 1680-1000
ABP 2070-1000
ABPH 600-1000
ABPH 800-1000
ABPH 820-1000
ABPH 1000-1000
ABPH 1040-1000
ABPH 1300-1000
ABPH 1680-1000
ABPU 820-1000
ABPU 1040-1000
ABPU 1300-1000
ABPU 1680-1000
1000 x 57 x 32
1000 x 82 x 32
1000 x 82 x 22
1000 x 106 x 32
1000 x 108 x 32
1000 x 138 x 34
1000 x 169 x 52
1000 x 169 x 82
1000 x 210 x 74
1000 x 57 x 32
1000 x 82 x 32
1000 x 82 x 22
1000 x 106 x 32
1000 x 108 x 42
1000 x 138 x 34
1000 x 169 x 82
1000 x 82 x 22
1000 x 108 x 42
1000 x 138 x 34
1000 x 169 x 82
39.37 x 2.24 x 1.26
39.37 x 3.23 x 1.26
39.37 x 3.23 x 0.87
39.37 x 4.17 x 1.26
39.37 x 4.25 x 1.26
39.37 x 5.43 x 1.34
39.37 x 6.65 x 2.05
39.37 x 6.65 x 3.23
39.37 x 8.27 x 2.91
39.37 x 2.24 x 1.26
39.37 x 3.23 x 1.26
39.37 x 3.23 x 0.87
39.37 x 4.17 x 1.26
39.37 x 4.25 x 1.65
39.37 x 5.43 x 1.34
39.37 x 6.65 x 3.23
39.37 x 3.23 x 0.87
39.37 x 4.25 x 1.65
39.37 x 5.43 x 1.34
39.37 x 6.65 x 3.23
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com