Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0809072000 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 61Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 62Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 164 page
background image
Model
Number
Module Profiles
Part
Number
Module Profiles
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
63
Part
Number
Split Module
Profiles
Model
Number
Split Module
Profiles
Dimensions
Inches
L x W
Part
Number
Split Basic
Profiles
39.00 x 2.95
87030000 00
Model
Number
Split Basic
Profiles
990 x 45 x 27.5
990 x 75 x 42.5
39.00 x 2.95 x 1.08
39.00 x 2.95 x 1.67
ARPM 45/27-1000
ARPM 75-42-1000
87110000 00
87110000 00
ARPMG 00/27-1000
ARPG 75/31-1000
87120000 00
• Modular DIN rail enclosure for use in measurement, control, and automation control
technology
• Individual design of the enclosure construction is made possible by attaching
different module types in various lengths onto the basic profile
• Basic profiles and modules equipped with integrated guide grooves for PCBs
Alurail
Included in delivery
Profiles sold in meter lengths. Other components sold
individually. See below for details.
Technical Data
Material
Ingress Protection
Flammability
Surface Resistance (caps)
Ingress Protection
Color
Profiles: Extruded aluminum profile, Al Mg Si 0.5; Profile caps: Polyamide 6.6 FR
Up to IP 40/DIN EN 60529, depending on enclosure construction
UL 94 V0/1
>1015 Ohm to DIN 53482
Up to IP 40/DIN EN 60529 depending on the enclosure construction
Aluminum profile: anodized
Profile caps: light gray, similar to RAL 7035
Special colors on request. Minimum quantities apply.
Dimensions
Inches
Model
Number
Basic Profiles
Part
Number
Basic Profiles
Dimensions
mm
Dimensions
mm
L x W
L x H
L x H
39.00 x 1.08
990 x 27.5
990 x 75
ARP 75/31-1000
ARP 105/31-1000
87010000 00
87020000 00
990.0 x 75.0
990.0 x 105
39.00 x 2.95
39.00 x 4.13
Model Number
AR...KS
ARM...FP
AR...-KS-AL
ARPM...
ARPMG 00/...
ARM...
ARM...FP
AR...MB
AR...WB
AR-E
AR-R
Profile caps (Includes 2 side panels, 4 assembly screws, 1 snap-on element, 1 positioning screw for snap-on element)
Module front panels (Includes 1 anodized front panel)
Side panels, aluminum (Includes 2 side panels, 4 assembly screws, 1 snap-on element, 1 positioning screw for snap-on element)
Module profiles for attaching to the basic profile (Includes 1 enclosure profile)
Split module profiles for attaching to the basic profile (Includes 2 aluminum profiles)
Module caps (Includes 2 module profile caps, 4 assembly screws, 2 mounting screws)
Module front panels (Includes 1 anodized front panel)
Module bridges for attaching the module profiles onto the basic profiles (required if basic profile and module profile are of different lengths. Includes 5 modules bridges, 10 assembly screws)
Wall mounting set (Includes 2 wall-mount elements)
Grounding set (Includes ground claws 5 pieces)
Snap-on element (Includes snap-on elements, positioning screws, 5 pieces)
Accessories
Dimensions
mm
Dimensions
mm
L x W
L x W
Dimensions
mm
Dimensions
mm
L x W x H
L x W x H
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com