Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0809072000 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 0809072000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809072000 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 0809072000 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 42Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 43Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 44Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 45Page - List of Unclassifed Manufacturers 0809072000 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 164 page
background image
www.Rose-Bopla.com
40
External Dimensions
mm
External Dimensions
Inches
Part Number
L x W x H
L x W x H
• Clear anodized aluminum profile enclosure system in 3 different versions in 4 profile
widths
• Equipped with integral guide grooves for PC boards
• Ecoline features recessed areas for front membranes or membrane keypads
• Can be used with Euro cards
Technical Data
Color
Material
Protection Classifications
Profiles: clear anodized aluminum. End lids: dust gray, similar to RAL 7037. Special colors on request.
Minimum order quantities apply.
Profile: Alunminum Al Mg Si 0.5. End lids: ABS plastic
IP 40, EN 60529. IP 54, when using seal (EL-DI) with 620, 8540, 1050 and 1240. ELP type extrusions
only.
BOS-Ecoline
1000 x 57.5 x 22
1000 x 57.5 x 22
1000 x 57.5 x 22
1000 x 80.0 x 42
1000 x 80.0 x 42
1000 x 80.0 x 42
1000 x 106 x 52
1000 x 106 x 52
1000 x 106 x 52
1000 x 106 x 52
1000 x 120 x 42
1000 x 120 x 42
1000 x 120 x 42
39.37 x 2.26 x 0.86
39.37 x 2.26 x 0.86
39.37 x 2.26 x 0.86
39.37 x 3.14 x 1.65
39.37 x 3.14 x 1.65
39.37 x 3.14 x 1.65
39.37 x 4.14 x 2.05
39.37 x 4.14 x 2.05
39.37 x 4.14 x 2.05
39.37 x 4.17 x 2.04
39.37 x 4.72 x 1.65
39.37 x 4.72 x 1.65
39.37 x 4.72 x 1.65
Model
Number
Part
Number
ELP 620-1000
ELPH 620-1000
ELPU 620-1000
ELP 840-1000
ELPH 840-1000
ELPU 840-1000
ELP 1050-1000
ELPH 1050-1000
ELPU 1050-1000
ELPH-EU 1050-1000
ELP 1240-1000
ELPH 1240-1000
ELPU 1240-1000
83062000 00
83626000 00
83627000 00
83084000 00
83846000 00
83847000 00
83105000 00
83056000 00
83057000 00
83055100 00
83124000 00
83246000 00
83247000 00
Included in delivery
Extrusion sold in meter lengths
Model Number
Description
ELD 620
ELDW 620
ELD 840
ELDW 840
ELD 1050
ELDW 1050
ELD 1240
ELDW 1240
EL 620 DI
EL 840 DI
EL 1050 DI
EL 1240 DI
83621000 00
83621100 00
83841000 00
83841100 00
83051000 00
83051100 00
83241000 00
83241100 00
83206210 00
83208410 00
83210510 00
83212410 00
Ecoline 620 plastic end caps, ABS, set of 2
Ecoline 620 wall mount plastic end caps, ABS, set of 2
Ecoline 840 plastic end caps, ABS, set of 2
Ecoline 840 wall mount plastic end caps, ABS, set of 2
Ecoline 1050 plastic end caps, ABS, set of 2
Ecoline 1050 wall mount plastic end caps, ABS, set of 2
Ecoline 1240 plastic end caps, ABS, set of 2
Ecoline 1240 wall mount plastic end caps, ABS, set of 2
Ecoline 620 gasket set of 10
Ecoline 840 gasket set of 10
Ecoline 1050 gasket set of 10
Ecoline 1240 gasket set of 10
Accessories
ELP - Closed Profile
ELPH - Horizontally Split Profile
ELPU - Open on one side Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com