Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55PC Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 4 Page - TE Connectivity Ltd

  55PC Datasheet HTML 1Page - TE Connectivity Ltd 55PC Datasheet HTML 2Page - TE Connectivity Ltd 55PC Datasheet HTML 3Page - TE Connectivity Ltd 55PC Datasheet HTML 4Page - TE Connectivity Ltd 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Page 4 of 18
SPECIFICATION 55PC, ISSUE 8
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
3.
REQUIREMENTS FOR CHARACTERISTICS
The requirements for wire and cable characteristics are as specified in Table 3 and as detailed
herein. The SCD and this specification define the requirements for the specified product. In
the event of conflict between the two, the SCD takes precedence.
TABLE 3. WIRE AND CABLE CHARACTERISTICS
Product Characteristics
Wire
Cable
Char.*
Requirement
Procedure
Blocking
X
X
Q
3.3.1
4.6.1
Cabling
---
X
P
3.2.1
4.6.6
Color
X
X
P
SCD and 1.3
4.6.6
Conductor Diameter
X
---
M
SCD
4.6.6
Conductor Elongation and Break Strength
X
---
M
3.1.2
4.6.2
Conductor Material
X
---
M
SCD and 3.1.1
4.6.3 and 4.6.6
Conductor Resistance
X
---
M
SCD
AS22759
Conductor and Shield Continuity
---
X
P100
3.2.2
WC 27500
Conductor Stranding
X
---
M
SCD
4.6.6
Copper Mirror Corrosion
X
X
Q
SCD
4.6.4
Crosslinked Verification
X
X
P
3.2.3
4.6.5
Dielectric Withstand
---
X
P100
SCD and 3.2.4
WC 27500
Finished Wire and Cable Diameter
X
X
P
SCD
4.6.6
Flammability
X
X
Q
3.3.2
4.6.7
Fluoride Extraction
X
X
Q
SCD
4.6.8
Identification/Color Striping Durability
X
X
P
SCD and 3.2.5
AS22759
Identification of Product
X
X
P
SCD and 3.2.6
4.6.6
Insulation/Jacket Concentricity
X
X
P
3.2.7
ASTM D 3032, Section 16
Insulation/Jacket Construction
X
X
P
SCD
4.6.6
Insulation/Jacket Elongation
X
X
P
3.2.8
4.6.9
Insulation/Jacket Flaws
X
X
P100
SCD and 3.2.9
4.6.10
Insulation/Jacket Material
X
X
M
3.1.3
4.6.3
Insulation/Jacket Tensile Strength
X
X
Q
3.3.3
4.6.9
Insulation/Jacket Thickness
X
X
P
SCD
4.6.6
Insulation Resistance
X
---
Q
3.3.4
4.6.11
Low Temperature-Cold Bend
X
X
Q
3.3.5
4.6.12
Removability of Insulation
X
---
P
3.2.10
4.6.6
Shield Construction and Coverage
---
X
P
SCD and 3.2.11
WC 27500
Shield Material
---
X
M
SCD and 3.1.1
4.6.3 and 4.6.6
Shield Resistance
---
X
P
SCD
ASTM B 193
Shrinkage
X
---
P
SCD
4.6.13
Weight
X
X
P
SCD
4.6.15
Workmanship
X
X
P
3.2.12
4.6.6
Wraps
---
X
M
SCD and 3.1.4
4.6.3 and 4.6.6
*Characteristic Codes:
M
= Material Specific Characteristic (see 3.1)
P
= Process Specific Characteristic (see 3.2)
P100 = Process Specific Characteristic, 100% tested (see 3.2)
Q
= Qualification Specific Characteristic (see 3.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com