Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55PC Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd 55PC Datasheet HTML 12Page - TE Connectivity Ltd 55PC Datasheet HTML 13Page - TE Connectivity Ltd 55PC Datasheet HTML 14Page - TE Connectivity Ltd 55PC Datasheet HTML 15Page - TE Connectivity Ltd 55PC Datasheet HTML 16Page - TE Connectivity Ltd 55PC Datasheet HTML 17Page - TE Connectivity Ltd 55PC Datasheet HTML 18Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 15 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
4.6.13
Shrinkage
A 12-inch (305-mm) specimen of the finished wire shall be cut so that the insulation and
conductor are flush at both ends. The specimen shall be placed in an air-circulating oven and
maintained for a period of 1 hour at the temperature specified in the applicable SCD. The
velocity of air past the specimen location in the oven shall be between 100 and 200 feet
(30 and 61 m) per minute as determined at room temperature. At the end of the 1-hour period,
the specimen shall be removed from the oven and allowed to return to room temperature.
Shrinkage of the insulation shall be measured as the greatest distance which any layer of the
insulation has receded from either end of the conductor; that is, the measurement obtained at
the end showing the greater shrinkage shall be considered the shrinkage of the specimen.
4.6.14
Voltage Withstand (Post Environmental)
The uninsulated ends of the specimen shall be attached to an electric lead. The specimen shall
be immersed in a 5-percent, by weight, solution of sodium chloride in water at 20 to 25°C,
except that the uninsulated ends and 1.5 inches (38 mm) of insulated wire or cable at each end
of the specimen shall protrude above the surface of the solution. Immediately following
specimen immersion, the voltage specified in the applicable SCD shall be applied at 60 Hz
between all the conductors and shields, tied together, as applicable, and the water bath which
shall be grounded. The voltage shall be gradually increased at a uniform rate from zero to the
specified voltage in 0.5 minute, maintained at that voltage for a period of 5 minutes for
finished wire specimens and 1 minute for finished cable specimens, and gradually reduced to
zero in 0.5 minute.
4.6.15
Weight
The weight of each lot of finished wire or cable shall be determined by Procedure I (4.6.15.1).
Lots failing to meet the weight requirement of the applicable SCD when tested in accordance
with Procedure I shall be subjected to Procedure II (4.6.15.2). All spools or reels failing to
meet the requirements of the applicable SCD when tested to Procedure II shall be rejected.
4.6.15.1
Procedure I
A length of wire or cable, sufficient to produce a measured weight to at least 3 significant
figures, shall be weighed and converted to the weight per unit length shown on the applicable
SCD.
4.6.15.2
Procedure II
The net weight of the finished wire or cable on each spool or reel shall be obtained by
subtracting the tare weight of the spool or reel from the gross weight of the spool or reel
containing the finished wire or cable. The net weight of wire or cable on each spool or reel
shall be divided by the accurately determined length of finished wire or cable on that spool or
reel and the resultant figure converted to the weight per unit length shown on the applicable
SCD. When wood or other moisture absorbent materials are used for spool or reel
construction, weight determinations shall be made under substantially uniform conditions of
relative humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com