Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55PC Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 55PC
Description  PROCESS-CONTROLLED WIRE AND CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 55PC Datasheet HTML 3Page - TE Connectivity Ltd 55PC Datasheet HTML 4Page - TE Connectivity Ltd 55PC Datasheet HTML 5Page - TE Connectivity Ltd 55PC Datasheet HTML 6Page - TE Connectivity Ltd 55PC Datasheet HTML 7Page - TE Connectivity Ltd 55PC Datasheet HTML 8Page - TE Connectivity Ltd 55PC Datasheet HTML 9Page - TE Connectivity Ltd 55PC Datasheet HTML 10Page - TE Connectivity Ltd 55PC Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SPECIFICATION 55PC, ISSUE 8
Page 7 of 18
NOTE:
ANY PRINTED COPY OF THIS DOCUMENT
IS AN UNCONTROLLED COPY.
© 2008-2015 Tyco Electronics Corporation. All rights reserved.
3.2.10
Removability of Insulation
For AWG 10 and smaller finished wires, 0.5 inch (13 mm) of insulation shall be readily
removable using conventional, hand-operated, wire strippers with properly-sized blades for the
construction. The insulation slug shall not bunch, nor shall any conductor strands break
during the removal process.
3.2.11
Shield Construction and Coverage
The optical coverage of braided or spiral shields shall be 85 percent, minimum. Braided
shields shall have an angle of 18 to 35 degrees relative to the axis of the cable.
3.2.12
Workmanship
Workmanship of finished wire and cable shall be uniform and free of external, or internal,
physical or cosmetic irregularities.
3.3
QUALIFICATION SPECIFIC REQUIREMENTS
These characteristics, noted by the code "Q" in Table 3, are a function of the combination of
materials and processes used to produce a given wire or cable construction. Following
qualification, adherence to material specific and process specific requirements assures that the
product will continue to meet the initial qualification specific requirements. Qualification
specific requirements shall be as follows, when tested on the following constructions:
Wire: 55PC0211-20 and 55PCF0211-20, as applicable
Cable: 55PC1221-22 and 55PCF1221-22, as applicable
Conductor plating and/or shield plating substitutions may be allowed provided the wire or
cable construction is otherwise the same as specified.
3.3.1
Blocking
When finished wire or cable is tested in accordance with 4.6.1, adjacent turns and layers of the
wire or cable shall not block. Blocking shall be defined as a transfer of material between
adjacent surfaces when they are separated.
3.3.2
Flammability
When finished wire or cable is tested in accordance with 4.6.7, the burn length shall not
exceed 3 inches (76 mm), the afterburn time shall not exceed 3 seconds, and there shall be no
flaming of the facial tissue.
3.3.3
Insulation or Jacket Tensile Strength
When finished wire or cable is tested in accordance with 4.6.9, the tensile strength of the total
wire insulation (for dual-walled insulations, both layers pulled together as a unit), or the cable
jacket, shall be 5000 lbf/inch
2 (34 N/mm2), minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com