Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM86 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM86 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM86 Datasheet HTML 1Page - National Semiconductor (TI) LM86 Datasheet HTML 2Page - National Semiconductor (TI) LM86 Datasheet HTML 3Page - National Semiconductor (TI) LM86 Datasheet HTML 4Page - National Semiconductor (TI) LM86 Datasheet HTML 5Page - National Semiconductor (TI) LM86 Datasheet HTML 6Page - National Semiconductor (TI) LM86 Datasheet HTML 7Page - National Semiconductor (TI) LM86 Datasheet HTML 8Page - National Semiconductor (TI) LM86 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM86
±0.75˚C Accurate, Remote Diode and Local Digital
Temperature Sensor with Two-Wire Interface
General Description
The LM86 is an 11-bit digital temperature sensor with a
2-wire System Management Bus (SMBus) serial interface.
The LM86 accurately measures its own temperature as well
as the temperature of an external device, such as processor
thermal diode or diode connected transistor such as the
2N3904. The temperature of any ASIC can be accurately
determined using the LM86 as long as a dedicated diode
(semiconductor junction) is available on the target die. The
LM86 remote sensor accuracy of ±0.75˚C is factory trimmed
for the 1.008 typical non-ideality factor of the mobile Pen-
tium™
III thermal diode. The LM86 has an Offset
register
to
allow
measuring
other
diodes
without
requiring
continuous
software
management.
Contact
hardware.monitor.team@nsc.com to obtain the latest data for
new processors.
Activation of the ALERT output occurs when any tempera-
ture goes outside a preprogrammed window set by the HIGH
and LOW temperature limit registers or exceeds the T_CRIT
temperature limit. Activation of the T_CRIT_A occurs when
any temperature exceeds the T_CRIT programmed limit.
The LM86 is pin and register compatible with the the Analog
Devices ADM1032 and Maxim MAX6657/8.
Features
n
Accurately senses die temperature of remote ICs or
diode junctions
n
Offset register allows sensing a variety of thermal
diodes accurately
n
On-board local temperature sensing
n
10 bit plus sign remote diode temperature data format,
0.125 ˚C resolution
n
T_CRIT_A output useful for system shutdown
n
ALERT output supports SMBus 2.0 protocol
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
8-pin MSOP and SOIC packages
Key Specifications
j Supply Voltage
3.0V to 3.6V
j Supply Current
0.8mA (typ)
j Local Temp Accuracy (includes quantization error)
T
A=25˚C to 125˚C
±3.0˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
T
A=30˚C, TD=80˚C
±0.75˚C (max)
T
A=30˚C to 50˚C, TD=60˚C to 100˚C
±1.0˚C (max)
T
A=0˚C to 85˚C, TD=25˚C to 125˚C
±3.0˚C (max)
Applications
n
Computer System Thermal Management
(e.g. Laptop, Desktop, Workstations, Server)
n
Electronic Test Equipment
n
Office Electronics
Simplified Block Diagram
10130301
Pentium™ is a trademark of Intel Corporation.
April 2003
© 2003 National Semiconductor Corporation
DS101303
www.national.com


Similar Part No. - LM86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI2-LM86 Datasheet
1,012Kb / 38P
±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
REVISED MARCH 2013
LM86CIM TI1-LM86CIM Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86CIM TI2-LM86CIM Datasheet
1,012Kb / 38P
±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
REVISED MARCH 2013
LM86CIM.A TI2-LM86CIM.A Datasheet
1,012Kb / 38P
±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
REVISED MARCH 2013
More results

Similar Description - LM86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com