Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM86 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM86
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM86 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM86 Datasheet HTML 13Page - National Semiconductor (TI) LM86 Datasheet HTML 14Page - National Semiconductor (TI) LM86 Datasheet HTML 15Page - National Semiconductor (TI) LM86 Datasheet HTML 16Page - National Semiconductor (TI) LM86 Datasheet HTML 17Page - National Semiconductor (TI) LM86 Datasheet HTML 18Page - National Semiconductor (TI) LM86 Datasheet HTML 19Page - National Semiconductor (TI) LM86 Datasheet HTML 20Page - National Semiconductor (TI) LM86 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
3.0 Application Hints (Continued)
mobile Pentium III processor, 1.008. When a temperature
sensor calibrated for a particular processor type is used with
a different processor type or a given processor type has a
non-ideality that strays from the typical, errors are intro-
duced. Figure 12 shows the minimum and maximum errors
introduced to a temperature sensor calibrated specifically to
the typical value of the processor type it is connected to. The
errors in this figure are attributed only to the variation in
non-ideality from the typical value. In Figure 13 is a plot of
the errors that result from using a temperature sensor cali-
brated for a Pentium II, the LM84, with a typical Pentium 4 or
AMD Athlon MP Model 6.
Temperature errors associated with non-ideality may be re-
duced in a specific temperature range of concern through
use of the offset registers (11h and 12h). Figure 14 shows
how the offset register may be used to compensate for the
non-ideality errors shown in Figure 13. For the case of
non-ideality=1.008, the offset register was set to −0.5˚C
resulting in the calculated residual error as shown in Figure
14. This offset has resulted in an error of less than 0.05˚C for
the temperatures measured in the critical range between 60
to 100˚C. This method yeilds a first order correction factor.
Please send an email to hardware.monitor.team@nsc.com
requesting further information on our recommended setting
of the offset register for different processor types.
10130337
Error Caused by Non-Ideality Factor
FIGURE 12.
10130336
Errors Induced when Temperature Sensor is Not
Calibrated to Typical Non-Ideality
FIGURE 13.
10130338
Compensating for an Untargeted Non-Ideality Factor
FIGURE 14.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com