Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM87 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 3Page - National Semiconductor (TI) LM87 Datasheet HTML 4Page - National Semiconductor (TI) LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) LM87 Datasheet HTML 10Page - National Semiconductor (TI) LM87 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Pin Name
D1
D2
D3
R1
R2
R3
R4
Pin Name
D1
D2
D3
R1
R2
R3
R4
INT#
xxx
0
100k 1M
+12Vin
x
x
R1+R2
≈130k
CI
xxx
0
∞∞
1M
+5Vin
x
x
R1+R2
≈130k
FAN1–FAN2
x
x
x
0
∞∞
1M
+3.3Vin, +2.5Vin,
Vccp1, Vccp2
x
x
x
R1+R2
≈130k
1M
SMBCLK
x
x
x
0
∞∞
1M
THERM
x
x
x
0
100k 1M
SMBData
x
x
x
0
∞∞
1M
VID4–VID0
x
x
x
0
100k 1M
RESET#
xxx
0
100k 1M
DACOut/NTEST_IN
x
x
x
0
∞∞ 1M
ADD/NTEST_OUT
x
x
x
0
∞∞
1M
Note 9: Typicals are at TJ =TA = 25 ˚C and represent most likely parametric norm.
Note 10: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 11: The Temperature Error specification does not include an additional error of ±1˚C, caused by the quantization error.
Note 12: The Temperature Error will vary less than ±1˚C over the operating Vcc range of 2.8V to 3.8V.
Note 13: TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
Note 14: Total Monitoring Cycle Time includes all diode checks, temperature conversions and analog input voltage conversions. Fan tachometer readings are
determined separately and do not affect the completion of the monitoring cycle.
Note 15: This is the lowest DAC code guaranteed to give a non-zero DAC output.
Note 16: The total fan count is based on 2 pulses per revolution of the fan tachometer output.
Note 17: Timing specifications are tested at the specified logic levels, VIL for a falling edge and VIH for a rising edge.
10099505
An x indicates that the diode exists.
FIGURE 2. ESD Protection Input Structure
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com