Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM87 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM87 Datasheet HTML 5Page - National Semiconductor (TI) LM87 Datasheet HTML 6Page - National Semiconductor (TI) LM87 Datasheet HTML 7Page - National Semiconductor (TI) LM87 Datasheet HTML 8Page - National Semiconductor (TI) LM87 Datasheet HTML 9Page - National Semiconductor (TI) LM87 Datasheet HTML 10Page - National Semiconductor (TI) LM87 Datasheet HTML 11Page - National Semiconductor (TI) LM87 Datasheet HTML 12Page - National Semiconductor (TI) LM87 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description (Continued)
8800 RPM on FAN1 and FAN2. Schmitt-Trigger input cir-
cuitry is included to accommodate slow rise and fall times.
An 8 bit DAC with 0 V to 2.5 V output voltage range can be
used for control of fan speed.
The LM87 has several internal registers, as shown in Figure
4, Table 1. The internal registers and their corresponding
internal LM87 addresses are as follows: and Section 13.0.
These include:
Configuration Registers:
Provide control and con-
figuration.
Channel Mode Register:
Controls the functionality of
the dual purpose input pins, scaling for internal Vcc mea-
surement, and operation of some IRQ inputs.
Interrupt Status Registers:
Two registers to provide
status of each WATCHDOG limit or Interrupt event.
Reading the Status Registers clears any active bits.
Interrupt Status Mirror Registers:
Two registers to
provide status of each WATCHDOG limit or Interrupt
event. Reading the Mirror Registers does not affect the
status bits.
Interrupt Mask Registers:
Allows masking of indi-
vidual Interrupt sources, as well as separate masking for
each of the two hardware Interrupt outputs.
CI Clear Register:
Allows transmitting a 20 ms (mini-
mum) low pulse on the chassis intrusion pin (CI).
VID/Fan Divisor Register:
This register contains the
state of the VID0-VID3 input lines and the divisor bits for
FAN1 and FAN2 inputs.
VID4 Register:
Contains the state of the VID4 input.
Extended Mode Register:
Enable and control the
Alert Response operation.
Hardware High Limit Registers:
Registers at 13h,
14h, 17h and 18h where Internal and External ’Hardware’
WATCHDOG temperature high limits are stored. These
limits have Power On Default settings but can be ad-
justed by the user. The values stored at 13h and 14h can
be locked down by setting bits 1 and 2 of Configuration
Register 2.
Value and Limit RAM:
The DAC digital output, moni-
toring
results
(temperature,
voltages,
fan
counts),
WATCHDOG limits, and Company/Stepping IDs are all
contained in the Value RAM. The Value RAM consists of
a total of 33 bytes, addresses 19h - 3Fh, containing:
— byte 1 at address 19h contains the DAC Data Regis-
ter
— locations 1Ah and 1Bh contain the WATCHDOG low
limits for AIN1 and AIN2
— locations 1Ch - 1Fh are unassigned and do not have
associated registers
— the next 10 bytes at addresses 20h -29h contain all of
the results
— location 2Ah is unassigned and does not have an
associated register
— the next 18 bytes at addresses 2Bh-3Ch are the
remaining WATCHDOG limits
— the last 2 bytes at addresses 3Eh and 3Fh contain the
Company ID and Stepping ID numbers, respectively
When the LM87 is started, it cycles through each measure-
ment in sequence, and it continuously loops through the
sequence approximately once every 0.4 s. Each measured
value is compared to values stored in WATCHDOG, or Hard-
ware High Limit registers. When the measured value violates
the programmed limit the LM87 will set a corresponding
Interrupt in the Interrupt Status Registers. The hardware
Interrupt line INT# is fully programmable with separate
masking of each Interrupt source. In addition, the Configu-
ration Register has a control bit to enable or disable the
hardware Interrupt. Another hardware Interrupt line avail-
able, THERM# is used to signal temperature specific events.
Having a dedicated interrupt for these conditions allows
specific actions to be taken for thermal events. This output is
enabled by setting bit 2 of Configuration Register 1.
The Chassis Intrusion input is designed to accept an active
high signal from an external circuit that activates and latches
when the case is removed from the computer.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com