Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9061 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9061 Datasheet HTML 1Page - National Semiconductor (TI) LM9061 Datasheet HTML 2Page - National Semiconductor (TI) LM9061 Datasheet HTML 3Page - National Semiconductor (TI) LM9061 Datasheet HTML 4Page - National Semiconductor (TI) LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AC Timing Characteristics
7V s VCC s20V RREF e 154 kX b40 C s TJ s a125 C CLOAD e 0025 mF CDELAY e 0022 mF unless otherwise
specified
Symbol
Parameter
Conditions
Min
Max
Units
TON
Output Turn-ON Time
CLOAD e 0025 mF
7V s VCC s 10V VOUT t VCC a 7V
15
ms
10V s VCC s 20V VOUT t VCC a 11V
15
ms
TOFF(Normal)
Output Turn-OFF Time
CLOAD e 0025 mF
Normal Operation
VCC e 14V VOUT t 25V
4
10
ms
(Note 4)
VSENSE e VTHRESHOLD
TOFF(Latch-OFF)
Output Turn-OFF Time
CLOAD e 0025 mF
Protection Comparator Tripped
VCC e 14V VOUT t 25V
45
140
ms
(Note 4)
VSENSE e VTHRESHOLD
TDELAY
Delay Timer Interval
CDELAY e 0022 mF
8
18
ms
Note 1
Absolute Maximum Ratings indicate the limits beyond which damage to the device may occur
Note 2
Operating Ratings indicate conditions for which the device is intended to be functional but may not meet the guaranteed specific performance limits For
guaranteed specifications and test conditions see the Electrical Characteristics
Note 3
ESD Human Body Model 100 pF discharged through 1500X resistor
Note 4
The AC Timing specifications for TOFF are not production tested and therefore are not specifically guaranteed Limits are provided for reference purposes
only Smaller load capacitances will have proportionally faster turn-ON and turn-OFF times
Block Diagram
TLH12317 – 4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com