Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9061 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9061 Datasheet HTML 1Page - National Semiconductor (TI) LM9061 Datasheet HTML 2Page - National Semiconductor (TI) LM9061 Datasheet HTML 3Page - National Semiconductor (TI) LM9061 Datasheet HTML 4Page - National Semiconductor (TI) LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH12317
April 1995
LM9061
Power MOSFET Driver with Lossless Protection
General Description
The LM9061 is a charge-pump device which provides the
gate drive to any size external power MOSFET configured
as a high side driver or switch A CMOS logic compatible
ONOFF input controls the output gate drive voltage In the
ON state the charge pump voltage which is well above the
available VCC supply is directly applied to the gate of the
MOSFET A built-in 15V zener clamps the maximum gate to
source voltage of the MOSFET When commanded OFF a
110 mA current sink discharges the gate capacitances of
the MOSFET for a gradual turn-OFF characteristic to mini-
mize the duration of inductive load transient voltages and
further protect the power MOSFET
Lossless protection of the power MOSFET is a key feature
of the LM9061 The voltage drop (VDS) across the power
device is continually monitored and compared against an
externally programmable threshold voltage A small current
sensing resistor in series with the load which causes a loss
of available energy is not required for the protection circuit-
ry Should the VDS voltage due to excessive load current
exceed the threshold voltage the output is latched OFF in a
more gradual fashion (through a 10 mA output current sink)
after a programmable delay time interval
Designed for the automotive application environment the
LM9061 has a wide operating temperature range of b40 C
to a125 C remains operational with VCC up to 26V and
can withstand 60V power supply transients The LM9061 is
available in an 8-pin small outline package and an 8-pin
dual in-line package
Features
Y
Built-in charge pump for gate overdrive of high side
drive applications
Y
Lossless protection of the power MOSFET
Y
Programmable MOSFET protection voltage
Y
Programmable delay of protection latch-OFF
Y
Fast turn-ON (15 ms max with gate capacitance of
25000 pF)
Y
Undervoltage shut OFF with VCC k 7V
Y
Overvoltage shut OFF with VCC l 26V
Y
Withstands 60V supply transients
Y
CMOS logic compatible ONOFF control input
Y
Surface mount and dual in-line packages available
Applications
Y
Valve relay and solenoid drivers
Y
Lamp drivers
Y
DC motor PWM drivers
Y
Logic controlled power supply distribution switch
Y
Electronic circuit breaker
Typical Application
TLH12317 – 1
Connection Diagrams
TLH12317 – 3
Top View
Order Number LM9061M
See NS Package Number M08A
TLH12317 – 2
Top View
Order Number LM9061N
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM9061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9061 TI1-LM9061 Datasheet
4Mb / 33P
High-Side Protection Controller
LM9061-Q1 TI1-LM9061-Q1 Datasheet
4Mb / 33P
High-Side Protection Controller
LM9061M TI1-LM9061M Datasheet
4Mb / 33P
High-Side Protection Controller
LM9061M/NOPB TI1-LM9061M/NOPB Datasheet
4Mb / 33P
High-Side Protection Controller
LM9061MX/NOPB TI1-LM9061MX/NOPB Datasheet
4Mb / 33P
High-Side Protection Controller
More results

Similar Description - LM9061

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511D INTERSIL-PX3511D Datasheet
229Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Driver with Protection Features
February 26, 2007
logo
Semtech Corporation
SC1403 SEMTECH-SC1403_04 Datasheet
560Kb / 31P
Mobile Multi-Output PWM Controller with Lossless Current Sense
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
MOSFET Driver IC with Over-Voltage Protection
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Analog Devices
ADP3623 AD-ADP3623 Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
logo
International Rectifier
AUIR3200S IRF-AUIR3200S_15 Datasheet
485Kb / 19P
MOSFET DRIVER WITH PROTECTION AND DIAGNOSTIC
logo
Infineon Technologies A...
AUIR3200S INFINEON-AUIR3200S Datasheet
823Kb / 22P
MOSFET DRIVER WITH PROTECTION AND DIAGNOSTIC
Rev 1.1 2016-05-2
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
STMicroelectronics
L6995S STMICROELECTRONICS-L6995S Datasheet
478Kb / 26P
LOSSLESS CURRENT LIMIT
Apr-2004
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com