Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9061 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9061
Description  Power MOSFET Driver with Lossless Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9061 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9061 Datasheet HTML 4Page - National Semiconductor (TI) LM9061 Datasheet HTML 5Page - National Semiconductor (TI) LM9061 Datasheet HTML 6Page - National Semiconductor (TI) LM9061 Datasheet HTML 7Page - National Semiconductor (TI) LM9061 Datasheet HTML 8Page - National Semiconductor (TI) LM9061 Datasheet HTML 9Page - National Semiconductor (TI) LM9061 Datasheet HTML 10Page - National Semiconductor (TI) LM9061 Datasheet HTML 11Page - National Semiconductor (TI) LM9061 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Hints (Continued)
To protect the MOSFET from exceeding its maximum junc-
tion temperature rating the power dissipation needs to be
limited The maximum power dissipation allowed (derated
for temperature) and the maximum drain to source ON re-
sistance RDS(ON) with both at the maximum operating am-
bient temperature needs to be determined When switched
ON the power dissipation in the MOSFET will be
PDISS e
VDS2
RDS(ON)
The VDS voltage to limit the maximum power dissipation is
therefore
VDS (MAX) e
0PD (MAX) c RDS(ON) (MAX)
With this restriction the actual load current and power dissi-
pation obtained will be a direct function of the actual
RDS(ON) of the MOSFET at any particular ambient tempera-
ture but the junction temperature of the power device will
never exceed its rated maximum
To limit the maximum load current requires an estimate of
the minimum RDS(ON) of the MOSFET (the minimum
RDS(ON) of discrete MOSFETs is rarely specified) over the
required operating temperature range
The maximum current to the load will be
ILOAD (MAX) e
VDS
RDS(ON) (MIN)
The maximum junction temperature of the MOSFET andor
the maximum current to the load can be limited by monitor-
ing and setting a maximum operational value for the drain to
source voltage drop VDS In addition in the event that the
load is inadvertently shorted to ground the power device
will automatically be turned-OFF
In all cases should the MOSFET be switched OFF by the
built in protection comparator the output sink current is
switched to only 10 mA to gradually turn OFF the power
device
Figure 3 illustrates how the threshold voltage for the internal
protection comparator is established
Two resistors connect the drain and source of the MOSFET
to the LM9061 The Sense input pin 1 monitors the source
voltage while the Threshold input pin 2 is connected to the
drain which is also connected to the constant load power
supply Both of these inputs are the two inputs to the protec-
tion comparator Should the voltage at the sense input ever
drop below the voltage at the threshold input the protection
comparator output goes high and initiates an automatic
latch-OFF function to protect the power device Therefore
the switching threshold voltage of the comparator directly
controls the maximum VDS allowed across the MOSFET
while conducting load current
The threshold voltage is set by the voltage drop across re-
sistor RTHRESHOLD A reference current is fixed by a resis-
tor to ground at IREF pin 6 To precisely regulate the refer-
ence current over temperature a stable band gap reference
voltage is provided to bias a constant current sink The ref-
erence current is set by
IREF e
VREF
RREF
The reference current sink output is internally connected to
the threshold pin IREF then flows from the load supply
through RTHRESHOLD The fixed voltage drop across
RTHRESHOLD is approximately equal to the maximum value
of VDS across the MOSFET before the protection compara-
tor trips
It is important to note that the programmed reference cur-
rent serves a multiple purpose as it is used internally for
biasing and also has a direct effect on the internal charge
pump switching frequency The design of the LM9061 is
optimized for a reference current of approximately 80 mA
set with a 154 kX g1% resistor for RREF To obtain the
guaranteed performance characteristics it is recommended
that a 154 kX resistor be used for RREF
The protection comparator is configured such that during
normal operation when the output of the comparator is low
the differential input stage of the comparator is switched in
TLH12317 – 11
FIGURE 3 Protection Comparator Biasing
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com