Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) LM9810 Datasheet HTML 10Page - National Semiconductor (TI) LM9810 Datasheet HTML 11Page - National Semiconductor (TI) LM9810 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
http://www.national.com
Pin Descriptions
Analog Power
VA
This is the positive supply pin for the analog
supply. It should be connected to a voltage
source of +5V and bypassed to AGND with a
0.1µF monolithic capacitor in parallel with a
10µF tantalum capacitor.
AGND
This is the ground return for the analog sup-
ply.
Analog I/O
OSR, OSG, OSB,
Analog Inputs. These inputs (for Red,
Green, and Blue) should be tied to the sen-
sor’s OS (Output Signal) through DC block-
ing capacitors.
RefBypass
Internally generated reference voltage
bypass pin. It should be bypassed to AGND
through a .05uF monolithic capacitor.
VREF+, VREFMID,
VREF-
Voltage reference bypass pins. They should
each be bypassed to AGND through a .05uF
monolithic capacitor.
Input & Timing Control
MCLK
Master Clock. The ADC conversion rate will
be a maximum of ¼ of MCLK. Nominally
24MHz.
SampCLK
Sample Clock. SampCLK controls the con-
version rate of the ADC (up to ¼ of the
MCLK
rate) and sample timing. The signal
level is sampled while SampCLK is low and
held on the rising edge of SampCLK. When
CDS is enabled, the falling edge of SampCLK
causes the CCD reference level to be held.
If CDS is not enabled, VREF+ or VREF- is held
on the falling edge of SampCLK, depending
on the programmed signal polarity. SampCLK
is also used with NewLine to clamp the exter-
nal coupling capacitors.
NewLine
New Line signal. Used to indicate the start
of active pixels on a new line, to allow
clamping of the AC coupling caps, and to
allow programming of the configuration reg-
ister. When NewLine is high and SampCLK is
low, the OS inputs will be connected to
either VREF+ or VREF-. On the first rising edge
of MCLK after NewLine goes low, the internal
mux and the offset and gain settings will be
set to the appropriate values for the first
color of the next line set in the color mode
setting in the Sampler and Color Mode Reg-
ister. When NewLine is low, D[5-0] transmit
the pixel conversion data from the ADC.
When NewLine is high, D[5-0] enter TRI-
STATE and D2, D1 and D0 act as a serial
interface for programming the configuration
registers.
Digital Power
VD
This is the positive supply pin for the digital
supply. It should be connected to a voltage
source of +5V and bypassed to DGND with a
0.1µF monolithic capacitor.
DGND
This is the ground return for the digital sup-
ply.
Digital I/O
D5
-D0
Data Input/Output pins. When NewLine is
low, the 10 or 12 bit conversion results of
the ADC are multiplexed to D5-D0. When
NewLine
is high, the output drivers enter TRI-
STATE and D2, D1 & D0 act as a serial inter-
face for writing to the configuration regis-
ters.
LM9810
Output Mode
(NewLine Low)
MCLK0, MCLK1, MCLK2, MCLK3
D5
b9,
b9,
b3,
b3
D4
b8,
b8,
b2,
b2
D3
b7,
b7,
b1,
b1
D2
b6,
b6,
b0,
b0
D1
b5,
b5,
0,
0
D0
b4,
b4,
0,
0
LM9820
Output Mode
(NewLine Low)
MCLK0, MCLK1, MCLK2, MCLK3
D5
b11,
b11,
b5,
b5
D4
b10,
b10,
b4,
b4
D3
b9,
b9,
b3,
b3
D2
b8,
b8,
b2,
b2
D1
b7,
b7,
b1,
b1
D0
b6,
b6,
b0,
b0
Input Mode
(NewLine High)
D5
-D3
Don’t Care
D2
(SCLK)
Serial Data Clock.
D1
(Latch)
Latch and shift enable signal. When
D1
(Latch) is low, data is shifted into D0(SDI).
When D1(Latch) goes high, the last nine bits
shifted into D0(SDI) will be used to program
the addressed configuration register. To
avoid erroneous writes to the configuration
registers, D1(Latch) should be pulled low
when NewLine is high.
D0
(SDI)
Serial input data. Data is valid on D2(SCLK)
rising edge. Three address bits followed by
six data bits (MSB first) should be shifted
into D0 before D1(Latch) goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com