Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9810 Datasheet HTML 13Page - National Semiconductor (TI) LM9810 Datasheet HTML 14Page - National Semiconductor (TI) LM9810 Datasheet HTML 15Page - National Semiconductor (TI) LM9810 Datasheet HTML 16Page - National Semiconductor (TI) LM9810 Datasheet HTML 17Page - National Semiconductor (TI) LM9810 Datasheet HTML 18Page - National Semiconductor (TI) LM9810 Datasheet HTML 19Page - National Semiconductor (TI) LM9810 Datasheet HTML 20Page - National Semiconductor (TI) LM9810 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
http://www.national.com
Equation 6: Simplified output code calculation
1.8 Power Down Mode
Setting the Power Down (bit B0 of register 7) puts the device in a
low power standby mode. The analog sections are turned off to
conserve power. The digital logic will continue to operate if MCLK
continues, so for minimum power dissipation MCLK should be
stopped when the LM9810/20 enters the Power Down mode.
Recovery from Power Down typically takes 50µs (the time
required for the reference voltages to settle to 0.5 LSB accuracy).
2.0 Clamping
To perform a DC restore across the AC coupling capacitors at the
beginning of every line, the LM9810/20 implements a clamping
function. When NewLine is high and SampCLK is low, all three OS
inputs will be connected to either VREF+ or VREF-, depending on B4
of the Sampling and Color Mode register. If B4 is set to one (pos-
itive signal polarity), then the OS inputs will be connected to VREF-
. If B4 is set to zero (negative signal polarity), then they will be
connected to VREF+.
2.1 Clamp Capacitor Selection
This section explains how to select appropriate clamp capacitor
values.
The output signal of many sensors rides on a DC offset (greater
than 5V for many CCDs) which is incompatible with the
LM9810/20’s 5V operation. To eliminate this offset without resort-
ing to additional higher voltage components, the output of the
sensor is AC coupled to the LM9810/20 through a DC blocking
capacitor, CCLAMP. The sensor’s DOS output, if available, is not
used. The value of this capacitor is determined by the leakage
current of the LM9810/20’s OS input and the output impedance of
the sensor. The leakage through the OS input determines how
quickly the capacitor value will drift from the clamp value of VREF+
or VREF-, which then determines how many pixels can be pro-
cessed before the droop causes errors in the conversion (±0.1V
is the recommended limit for CDS operation). The output imped-
ance of the sensor determines how quickly the capacitor can be
charged to the clamp value during the black reference period at
the beginning of every line.
The minimum clamp capacitor value is determined by the maxi-
mum droop the LM9810/20 can tolerate while converting one
sensor line. The minimum clamp capacitor value is much smaller
for CDS mode applications than it is for CIS mode applications.
The LM9810/20 input leakage current is considerably less when
the LM9810/20 is operating in CDS mode. In CDS mode, the
LM9810/20 leakage current should be no more than 20nA. With
CDS disabled, which will likely be the case when CIS sensors are
used, the LM9810/20 leakage current can be as high as 25uA at
the maximum conversion rate.
2.1.1 CDS mode Minimum Clamp Capacitor Calculation:
The following equation takes the maximum leakage current into
the OS input, the maximum allowable droop, the number of pixels
on the sensor, and the pixel conversion rate, fSampCLK, and pro-
vides the minimum clamp capacitor value:
For example, if the OS input leakage current is 20nA worst-case,
the sensor has 2700 active pixels, the conversion rate is 2MHz
(tSampCLK = 500ns), and the max droop desired is 0.1V, the mini-
mum clamp capacitor value is:
2.1.2 CIS mode Minimum Clamp Capacitor Calculation:
If CDS is disabled, then the maximum LM9810/20 OS input leak-
age current can be calculated from:
where VSAT is the peak pixel signal swing of the CIS OS output
and CSAMP is the capacitance of the LM9810/20’s internal sam-
pling capacitor (2pF). Inserting this into Equation 7 results in:
with CSAMP equal to 2pF and VSAT equal to 2V (the LM9810/20’s
maximum input signal), then Equation 10 reduces to:
In CIS mode (CDS disabled), the max droop limit must be much
more carefully chosen, since any change in the clamp capacitor’s
DC value will affect the LM9810/20’s conversion results. If a
droop of one 10 bit LSB across a line is considered acceptable,
then the allowed droop voltage is calculated as: 2V/1024, or
D
OUT
V
INGB
V
DAC
+
()G
PGAC
=
DOS
OS
OS
SENSOR
NC
CCLAMP
Figure 5: OS Clamp Capacitor and Internal Clamp
VREF+ or VREF-
LM9810/20
C
CLAMP MIN
i
dV
---------dt
=
leakage current (A)
max droop(V)
---------------------------------------------------
number of pixels
f
SampCLK
--------------------------------------------
=
Equation 7: CDS mode CCLAMP MIN Calculation
C
CLAMP MIN
20nA
0.1V
--------------
2700
2MHz
---------------
=
270pF
=
Equation 8: CDS mode CCLAMP MIN Example
I
leakage
V
SA TfSampCLKCSAMP
=
Equation 9: CIS mode Input Leakage Current Calculation
C
CLAMP MIN
i
dV
---------dt
=
V
SAT
t
SampCLK
--------------------------- C
SAMP
t
SampCLK
max droop(V)
------------------------------------ num pixels
=
Equation 10: CIS mode CCLAMP MIN Calculation
C
CLAMP MIN
4p(F)(V)
max droop(V)
------------------------------------ num pixels
=
Equation 11: CIS mode CCLAMP MIN Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com