Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9810 Datasheet HTML 1Page - National Semiconductor (TI) LM9810 Datasheet HTML 2Page - National Semiconductor (TI) LM9810 Datasheet HTML 3Page - National Semiconductor (TI) LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
http://www.national.com
General Description
The LM9810 and LM9820 are high performance Analog Front
Ends (AFEs) for image sensor processing systems. The
LM9810/20 performs all the analog and mixed signal functions
(correlated double sampling, color specific gain and offset cor-
rection, and analog to digital conversion) necessary to digitize
the output of a wide variety of CIS and CCD sensors. The
LM9810 has a 10 bit 6MHz ADC, and the LM9820 has a 12 bit
6MHz ADC. The LM9810 and LM9820 are pin-for-pin and func-
tionally compatible.
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Scanners
• Multifunction Imaging Products
• Digital Copiers
• General Purpose Linear CCD Imaging
Features
• 6 million pixels/s conversion rate
• Digitally programmed gain and offset for red, green and blue
pixels
• Correlated Double Sampling for lowest noise
• TTL/CMOS input/output compatible
Key Specifications
• Output Data Resolution
10/12 Bits
• Pixel Conversion Rate
6MHz
• Supply Voltage
5V±5%
• Power Dissipation
300mW
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
Connection Diagrams
VREF+
OSR
RefBypass
VREFMID
VREF-
D5
D3
VA
OSG
SampCLK
AGND
OSB
LM9810
&
LM9820
DGND
VD
MCLK
D4
D2 (SCLK)
D1 (Latch)
D0 (SDI)
NewLine
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
Ordering Information
Commercial (0°C
≤ T
A ≤ +70°C)
Package
LM9810CCWM
LM9810CCWMX
LM9820CCWM
LM9820CCWMX
20 Pin Wide SOIC
20 Pin Wide SOIC, Tape & Reel
20 Pin Wide SOIC
20 Pin Wide SOIC, Tape & Reel
July 1998
N
©1997,1998 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.


Similar Part No. - LM9810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
More results

Similar Description - LM9810

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
12-bit(84-bit) Linear Sensor Image Processor
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
logo
Texas Instruments
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Maxim Integrated Produc...
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com