Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB Datasheet(PDF) 12 Page - Tyco Electronics

Part # SMB
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMB Datasheet(HTML) 12 Page - Tyco Electronics

Back Button SMB Datasheet HTML 8Page - Tyco Electronics SMB Datasheet HTML 9Page - Tyco Electronics SMB Datasheet HTML 10Page - Tyco Electronics SMB Datasheet HTML 11Page - Tyco Electronics SMB Datasheet HTML 12Page - Tyco Electronics SMB Datasheet HTML 13Page - Tyco Electronics SMB Datasheet HTML 14Page - Tyco Electronics SMB Datasheet HTML 15Page - Tyco Electronics SMB Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SMB Connectors, 75 Ohm BT 43 (SMZ) (Continued)
Cable Type
Termination Method
Body Plating
Part No.
Inner
Outer
RG 179B/U
Crimp
Crimp
Selective Gold
1311097-1
BT2002
Crimp
Crimp
Selective Gold
1311098-1
Straight Plugs, Snap-On
30.5
[1.20]
28.0
[1.10]
20.4
[0.80]
8.8
[0.35]
Assembled
Dia.
Straight Plugs, Latching,
Crimp/Crimp
9.6
[0.38]
27.8
[1.09]
29.9
[1.18]
Assembly
Dia.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1311099-1
BT2003
Selective Gold
1311100-1
BT2002
Selective Gold
1311101-1
BT2001
Selective Gold
1311696-1
BT3002, TZC75024
Selective Gold
1311102-1
RG 59B/U,
Selective Gold
1313507-1
RG 140/U, URM90
187
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com