Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB Datasheet(PDF) 15 Page - Tyco Electronics

Part # SMB
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMB Datasheet(HTML) 15 Page - Tyco Electronics

Back Button SMB Datasheet HTML 9Page - Tyco Electronics SMB Datasheet HTML 10Page - Tyco Electronics SMB Datasheet HTML 11Page - Tyco Electronics SMB Datasheet HTML 12Page - Tyco Electronics SMB Datasheet HTML 13Page - Tyco Electronics SMB Datasheet HTML 14Page - Tyco Electronics SMB Datasheet HTML 15Page - Tyco Electronics SMB Datasheet HTML 16Page - Tyco Electronics SMB Datasheet HTML 17Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PC Board Plug 43/1D
6.20
[0.24]
0.90
[0.04]
11.4
[0.45]
3.80
[0.15]
5.08
[0.20]
5.08
[0.20]
Mounting Detail
1.20
[0.05]
Dia.
1 Hole
Dia.
Dia.
Dia.
4 Holes
1.70
[0.07]
Body Plating
Part No.
Selective Gold
1311125-1
PC Board Plug 43/1E
13.2
[0.52]
5.08
[0.20]
5.08
[0.20]
1.20
[0.047]
Dia.
1 Hole
Dia.
4 Holes
1.70
[0.067]
9.5
[0.37]
6.5
[0.26]
Sq.
15.0
[0.59]
Mounting Detail
Body Plating
Part No.
Selective Gold
1314103-1
190
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 75 Ohm BT 43 (SMZ) (Continued)
DDF Plug,
Crimp/Crimp
30.4
[1.20]
Assembled
27.9
[1.10]
10.3
[0.41]
Dia.
Cable Type
Body Plating
Part No
RG 179B/U
Selective Gold
1327083-1
BT2003
Selective Gold
1311117-1
BT2002
Selective Gold
1311700-1
B2001
Selective Gold
1313883-1
BT3002, TZC75024
Selective Gold
1311118-1
RG 59B/U, RG 140/U,
Selective Gold
1313887-1
URM90
DDF Plug,
Crimp/Crimp
Cable Type
Body Plating
Part No
RD179, 124431 (Filotex),
1366 (Orebro), K02253D-1,
Selective Gold
1314422-1
K02253-2 (Shuner)
27.8
[1.09]
Ref.
Ref.
7.54
[0.30]
Right-Angle PC Board Plug
22.14
[.872]
Mounting Detail
Panel Cutout Detail
5.08
[.200]
5.08
[.200]
2.54
[.100]
2.54
[.100]
14.00
[.551]
Ø 8.21
[.323]
5/16-32
UNEF
Min.
4 Holes
3/8 Across Flats
Ø 6.22
[.245]
Ø 1.70
[.067]
Min.
Ø 1.20
[.047]
2.90 ± 0.10
[.114 ± .004]
Ø 8.35 ± 0.10
[.329 ± .004]
Part No. 1314102-1
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com