Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB Datasheet(PDF) 17 Page - Tyco Electronics

Part # SMB
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMB Datasheet(HTML) 17 Page - Tyco Electronics

Back Button SMB Datasheet HTML 9Page - Tyco Electronics SMB Datasheet HTML 10Page - Tyco Electronics SMB Datasheet HTML 11Page - Tyco Electronics SMB Datasheet HTML 12Page - Tyco Electronics SMB Datasheet HTML 13Page - Tyco Electronics SMB Datasheet HTML 14Page - Tyco Electronics SMB Datasheet HTML 15Page - Tyco Electronics SMB Datasheet HTML 16Page - Tyco Electronics SMB Datasheet HTML 17Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
192
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connector Crimp Tooling
* DANIELS Manufacturing Corporation
6103 Anno Avenue
Orlando, Florida 32809
Note: Equivalent military tool part numbers–
M22520/5-01 – DANIELS Hand Tool HX4
M22520/5-33 – DANIELS Die Set Y136
M22520/5-37 – DANIELS Die Set Y138
M22520/5-41 – DANIELS Die Set Y140
M22520/5-03 – DANIELS Die Set Y196
M22520/2-01 – DANIELS Hand Tool AFM8
Telephone: 407-855-6161
FAX: 407-855-6884
50
Ω/75 Ω
Commercial Connector Tooling
MIL Type Connector Tooling
Center Contact Crimp Tooling
Braid Crimp Tooling
Center Contact Crimp Tooling
Braid Crimp Tooling
Dies for
MIL-C-
Dies for
MIL-C-
Dies for
RG/U
Tyco Electronics
22520/2-01
Tyco Electronics
22520/5-01
DANIELS* DANIELS*
Selector
Tyco Electronics
DANIELS
Hex Die
Cable
PRO-CRIMPER
Tool
PRO-CRIMPER
Tool
Hand
Positioner
Position
PRO-CRIMPER
Hand
Across
Hand Tool
DANIELS* Position
Hand Tool
DANIELS* Hex
Tool
Number
Hand Tool
Tool
Flats
Number
Positioner
Number
Position
Crimp Die
Number
Position
178, 178A,
Female-K699
Female-K699
2.67
178B, 196,
58489-1
4
58489-1
A&B
Y624
AFM8
4
58483-1
A
HX4-1637
196A
Male-K727
Male-K727
.105
Double Braid
——
——
——
AFM8
Female-K699
4
58483-1
B
HX4-1637
3.25
178, 196
Male-K727
.128
174, 316
58489-1
Female-K699
4
58489-1
A
Y444
AFM8
Female-K699
4
58483-1
B
HX4-1637
3.25
188, 188A
Male-K727
Male-K727
.128
Double Braid
Y196
3.84
174, 316,
58489-1
Female-K699
4
58489-1
C
AFM8
Female-K699
4
58483-1
C
HX4-1637
188
Location A
.151
Double Braid
Y196
3.25
174, 316,
58489-1
Male-K727
4
58489-1
C
AFM8
Solder
—
58483-1
B
HX4-1637
188
Location A
.128
179, 179A
179B, 161,
58489-1
Female-K699
4
58489-1
A
Y444
AFM8
Female-K699
4
58483-1
B
HX4-1637
3.25
187, 187A,
.128
BELDEN 9221
179, 179A
179B, 161,
58489-1
Male-K727
4
58489-1
A
Y444
—
Solder
—
58483-1
B
HX4-1637
3.25
187, 187A,
.128
BELDEN 9221
180, 180A
——
——
——
—
Solder
—
58483-1
C
HX4-1637
3.84
180B
.151
Mini SMB 75 ohm
179, 187
—
Female-K699
—
58483-1
B
HX4-1637
—
—
—
—
—
—
—
Solder
179, 187
—
Center
—
58483-1
B
HX4-1637
—
—
—
—
—
—
—
Contact
Note: All 75 ohm SMB connectors have a solder center contact.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
DANIELS is a trademark of Daniels
Manufacturing Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com