Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS32 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # MS32
Description  AMR Switching-Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS32 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  MS32 Datasheet HTML 1Page - TE Connectivity Ltd MS32 Datasheet HTML 2Page - TE Connectivity Ltd MS32 Datasheet HTML 3Page - TE Connectivity Ltd MS32 Datasheet HTML 4Page - TE Connectivity Ltd MS32 Datasheet HTML 5Page - TE Connectivity Ltd MS32 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS32
Switching Sensor
SENSOR SOLUTIONS /// MS32 Rev 6
1/2016
Page 3
MEASUREMENT CONDITIONS
Parameter
Symbol
Unit
Condition
A. Set Up Conditions
ambient temperature
T
°C
T = 23 +/- 5 °C (unless otherwise noted)
supply voltage
VCC
V
VCC = 5 V
applied magnetic field
HY
kA/m
HY = -7 .. +7 kA/m; along y-direction; |HX| < 100 A/m
Pre-magnetization along x-direction with HX >= 3 kA/m
B. Parameter Definitions (T= -25 °C, +85 °C) see characteristic values 6)
ambient temperatures
T
°C
T1 = -25 , T0 = +30 , T2 = +85 °C
TC of amplitude
TCSV
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
V
T
V
T
V
T
T
TCV
a
a
a
TC of resistance
TCBR
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
R
T
R
T
R
T
T
TCR
TC of offset
TCVOFF
µV/(VK)
)
(
)
(
)
(
1
2
1
2
T
T
T
Voff
T
Voff
TCVoff
BLOCK DIAGRAM
Figure 2
: internal and external connections (TDFN, Chip)
GND
VCC
+VO
n. c.
n. c.
n. c.
n. c.
-VO
1
5
8
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com