Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS32 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # MS32
Description  AMR Switching-Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS32 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  MS32 Datasheet HTML 1Page - TE Connectivity Ltd MS32 Datasheet HTML 2Page - TE Connectivity Ltd MS32 Datasheet HTML 3Page - TE Connectivity Ltd MS32 Datasheet HTML 4Page - TE Connectivity Ltd MS32 Datasheet HTML 5Page - TE Connectivity Ltd MS32 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MS32
Switching Sensor
SENSOR SOLUTIONS /// MS32 Rev 6
1/2016
Page 4
SENSOR OUTLINE
Figure 3
: TDFN-package outline and recommended land pattern
Pin assignment
Note:
Pin 1 position is marked by a dot on the top side and by the chamfered corner of the bottom plate.
The bottom plate is designated to be a heat sink. It has no electrical connection to any pin.
The sensitive area is positioned in the center of the package.
Pin
Symbol
Function
1
+VO
positive output bridge
2
n. c.
not connected
3
n. c.
not connected
4
GND
ground
5
-VO
negative output bridge
6
n. c.
not connected
7
n. c.
not connected
8
VCC
supply voltage bridge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com