Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9230 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC9230
Description  800 MHz Low Voltage PECL Clock Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9230 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC9230 Datasheet HTML 8Page - Motorola, Inc MPC9230 Datasheet HTML 9Page - Motorola, Inc MPC9230 Datasheet HTML 10Page - Motorola, Inc MPC9230 Datasheet HTML 11Page - Motorola, Inc MPC9230 Datasheet HTML 12Page - Motorola, Inc MPC9230 Datasheet HTML 13Page - Motorola, Inc MPC9230 Datasheet HTML 14Page - Motorola, Inc MPC9230 Datasheet HTML 15Page - Motorola, Inc MPC9230 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPC9230
OUTLINE DIMENSIONS
MOTOROLA
12
TIMING SOLUTIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776-02
ISSUE D
DATE 05/14/92
CASE 776-02
ISSUE D
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D-D
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
-T-
-N-
-M-
-L-
V
W
D
D
Y BRK
28
1
MILLIMETERS
INCHES
0.050 BSC
1.27 BSC
DIM
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
---
2˚
0.410
0.040
MAX
0.495
0.495
0.180
0.110
0.019
0.032
---
---
0.456
0.456
0.048
0.048
0.056
0.020
10˚
0.430
---
MIN
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
---
2˚
10.42
1.02
MAX
12.57
12.57
4.57
2.79
0.48
0.81
---
---
11.58
11.58
1.21
1.21
1.42
0.50
10˚
10.92
---
NOTES:
1.
2.
3.
4.
5.
6.
7.
DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXISTS
PLASTIC BODY AT MOLD PARTING LINE.
DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DEMENSION: INCH.
THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASITC BODY.
DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com