Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1983 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1983
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1983 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC1983 Datasheet HTML 1Page - National Semiconductor (TI) LMC1983 Datasheet HTML 2Page - National Semiconductor (TI) LMC1983 Datasheet HTML 3Page - National Semiconductor (TI) LMC1983 Datasheet HTML 4Page - National Semiconductor (TI) LMC1983 Datasheet HTML 5Page - National Semiconductor (TI) LMC1983 Datasheet HTML 6Page - National Semiconductor (TI) LMC1983 Datasheet HTML 7Page - National Semiconductor (TI) LMC1983 Datasheet HTML 8Page - National Semiconductor (TI) LMC1983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Continued)
Note 5: Human body model; 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: Typicals are at TJ = +25˚C and represent the most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The Input-Input Isolation is tested by driving one input and measuring the output when the undriven input are selected.
Note 9: The Volume Step Size is defined as the change in attenuation between any two adjacent volume attenuation settings. The nominal Volume Step Size is 2 dB.
Typical Performance Characteristics
Supply Current
vs Supply Voltage
DS011279-11
Output Voltage
vs Supply Voltage
DS011279-12
THD vs
Load Impedance
DS011279-13
THD vs
Load Impedance
DS011279-14
CCIR Output Noise
vs Volume Setting
DS011279-15
Channel Separation
vs Frequency
DS011279-16
THD vs V
IN
(V
OUT Constant)
DS011279-17
THD vs Frequency
DS011279-18
Mute Gain
vs Frequency
DS011279-19
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com