Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1983 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1983
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1983 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC1983 Datasheet HTML 1Page - National Semiconductor (TI) LMC1983 Datasheet HTML 2Page - National Semiconductor (TI) LMC1983 Datasheet HTML 3Page - National Semiconductor (TI) LMC1983 Datasheet HTML 4Page - National Semiconductor (TI) LMC1983 Datasheet HTML 5Page - National Semiconductor (TI) LMC1983 Datasheet HTML 6Page - National Semiconductor (TI) LMC1983 Datasheet HTML 7Page - National Semiconductor (TI) LMC1983 Datasheet HTML 8Page - National Semiconductor (TI) LMC1983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ − GND)
15V
Voltage at any Pin
GND − 0.2V to V
+ + 0.2V
Input Current at any Pin
(Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Dissipation (Note 4)
500 mW
Junction Temperature
+125˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
N Package,
(Soldering, 10 Seconds)
+260˚C
V Package,
(Vapor Phase, 60 Seconds)
215˚C
Infrared, (15 Seconds)
220˚C
ESD Susceptability (Note 5)
2 kV
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN ≤ TA ≤ TMAX
LMC1983CIN, LMC1983CIV
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage Range (V
+ −V−)
6Vto12V
Electrical Characteristics
The following specifications apply for V
+ = 9V, f
IN = 1 kHz, input signal (300 mV) applied to INPUT 1, volume = 0 dB, bass =
0 dB, treble = 0 dB, and loudness is off unless otherwise specified. All limits apply for T
A = TJ = +25˚C.
Symbol
Parameter
Conditions
Typical
Limit
Unit
(Note 6)
(Note 7)
(Limit)
I
S
Supply Current
15
25
mA (max)
V
IN
Input Voltage
Clipping Level (1.0% THD),
2.3
2.0
V
rms (min)
Select Out (Pins 7, 22)
THD
Total Harmonic Distortion
Left and Right channels;
Output Pins 13, 16
V
IN = 0.3 Vrms;
0.008
0.1
% (max)
f
IN = 100 Hz, 1 kHz, 10 kHz
V
IN = 2.0 Vrms;
0.4
1.0
% (max)
f
IN = 100 Hz, 1 kHz
V
IN = 2.0 Vrms;
0.5
1.0
% (max)
f
IN = 10 kHz
V
IN = 0.5 Vrms; Bass and Treble
0.07
0.5
% (max)
Tone Controls Set at Maximum
V
IN = 0.3 Vrms; Volume
Attenuator at −20 dB, Bass and Treble
0.06
0.15
% (max)
Tone Controls Set at Maximum
DC Shifts
V
IN = 0.3 Vrms; between Any
2.0
4.0
mV (max)
Two Adjacent Control Settings
V
IN = 0.3 Vrms;
18
20
mV (max)
All Mode and Input Positions
R
OUT
AC Output Impedance
Pins 7, 22, (470
Ω to Ground at Input)
150
200
Ω (max)
Pins 13, 16
26
40
Ω (max)
R
IN
AC Input Impedance
Pins 4, 5, 23, 24, 25
50
72
k
Ω (max)
35
k
Ω (min)
Volume Attenuator Range
Pins 13, 16; Volume
0.5
1.5
dB (max)
Attenuation at
0100010XXX000000 (0 dB)
0100010XXX101XXX (80 dB);
80
78
dB (min)
(Relative to Attenuation at
82
dB (max)
the 0 dB Setting)
Volume Step Size
All Volume Attenuation Settings from
0100010XXX101XXX (80 dB) to
2.0
1.5
dB (min)
0100010XXX000000 (0 dB) (Note 9)
2.5
dB (min)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com