Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1983 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1983
Description  Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1983 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC1983 Datasheet HTML 2Page - National Semiconductor (TI) LMC1983 Datasheet HTML 3Page - National Semiconductor (TI) LMC1983 Datasheet HTML 4Page - National Semiconductor (TI) LMC1983 Datasheet HTML 5Page - National Semiconductor (TI) LMC1983 Datasheet HTML 6Page - National Semiconductor (TI) LMC1983 Datasheet HTML 7Page - National Semiconductor (TI) LMC1983 Datasheet HTML 8Page - National Semiconductor (TI) LMC1983 Datasheet HTML 9Page - National Semiconductor (TI) LMC1983 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin Description
CLK (1)
The INTERMETAL (IM) Bus clock is
applied to the CLOCK pin. This input
accepts a TTL or CMOS level signal.
The input is used to clock the DATA
signal. A data bit must be valid on the
rising clock edge.
DIGITAL INPUT
1 & 2 (2, 3)
Internally tied high to V
+ through a
30 k
Ω pull-up resistor, these inputs al-
low a peripheral device to place any
single-bit, active low digital information
onto the IM Bus. It is then sent out to
the controlling device through the
DATA pin. Examples of such informa-
tion could include indication of the
presence of a Second Audio Program
(SAP) or an FM stereo carrier.
INPUTS 1,2&3
(4, 25; 5, 24; 6, 23)
These are the LMC1983’s three stereo
input pairs.
SELECT OUT
(7, 22)
The selected INPUT signal is available
at this output. This feature allows ex-
ternal signal processors such as noise
reduction or graphic equalizers to be
used. This output can typically sink
1 mA. These pins should be capaci-
tively coupled to pins 8 and 21, re-
spectively, if no external processor is
used.
SELECT IN
(8, 21)
These are the inputs that an external
signal processor uses to return a sig-
nal to the LMC1983. These pins
should be capacitively coupled to pins
7 and 22, respectively, if no external
processor is used.
TONE IN
(9, 20)
These are the inputs to the tone con-
trol amplifier. See the Application Infor-
mation section titled “Tone Control Re-
sponse”.
TONE OUT
(10, 19)
Tone control amplifier output. See the
Application Information section titled
“Tone Control Response”.
OP AMP
OUT (11, 18)
These outputs are used with external
tone control capacitors. Internally, this
output is applied to the volume attenu-
ators.
LOUDNESS
(12, 17)
The output signal on these pins is a
voltage taken from the volume attenu-
ator’s −40 dB tap point. An external
R–C network is connected to these
pins.
MAIN
OUTPUT
(13, 16)
The output signal from these pins
drives a stereo power amplifier. The
output can typically sink 1 mA.
BYPASS (14)
A 10 µF capacitor is connected be-
tween this pin and ground to provide
an
AC
ground
for
the
internal
half-supply voltage reference.
GROUND (15)
This pin is connected to analog
ground.
V+ (26)
This is the power supply connection.
The LMC1983 is operational with sup-
ply voltages from 6V to 12V. This pin
should be bypassed to ground through
a 1.0 µF capacitor.
ID (27)
This is the IDENTITY digital input that,
when low, signals the LMC1983 to re-
ceive, from a controlling device, a de-
vice address (40
H–47H), present on
the DATA line.
DATA (28)
This is the serial data input for commu-
nications sent by a controller. The con-
troller must have open drain outputs
used with external pull-up resistors.
The data rate has a maximum fre-
quency of 1 MHz. The LMC1983 re-
quires 16 bits of data to control or
change a function: the first 8 bits select
the LMC1983 and one of eight func-
tions. The final eight bits set the func-
tion to a desired value. The data must
be valid on the rising edge of the
CLOCK input signal.
General Information
The LMC1983 is a CMOS/bipolar building block intended for
high fidelity audio signal processing. It is designed for line
level inputs signals (300 mV − 2V) and has a maximum gain
of −0.5 dB. While the LMC1983 is manufactured with CMOS
processing, NPN transistors are used to build low noise op
amps. The combination of CMOS switches, bipolar op amps,
and poly-silicon resistors make it possible to achieve an or-
der of magnitude quality improvement over other bipolar cir-
cuits that use analog multipliers to accomplish gain adjust-
ment. Internal circuits set the volume to minimum, tone
controls to flat, the mute to on, and all other functions off
when power is first applied. Individual left and right volume
controls are software programmed to achieve the stereo bal-
ance function.
Figure 1 shows the connection diagram of a
typical LMC1983 application.
The LMC1983 has internal decoding logic that allows a mi-
croprocessor (µP) or microcontroller (µC) to communicate di-
rectly to the audio control circuitry through an INTERMETAL
(IM) Bus interface. This three-wire interface consists of a
bi-directional DATA line, a Clock (CLK) input line, and an
Identity (ID) line. Address and function selection data (8 bits)
are serially shifted from the controller to the LMC1983. This
is followed by 8 bits of function value data. Data present in
the internal shift register is latched and the instruction is
executed.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com