Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3500AST Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 23 -
1.
“X” means a status of LDO depends on other conditions.
Table 4b. LDO Control Event Table
Event
LDO1a LDO1b LDO2a LDO2b LDO3a LDO3b LDO4
REFO
LDO5
LDO6a LDO6b LDO7
LDO8
LDO9 LDO10 LDO11
Baseband VDD
Baseband
AVDD
Coin cell
Audio
REFO
Vibrator
Baseband Core
Rx1
Tx
Rx2
RF
Option
Option
POWER ON
(Note 2)
ON
ON
ON
ON
ON
ON
ON
TCXO_ON
(Note 3)
ON/
OFF
ON/
OFF
ON/
OFF
ON/
OFF
SLEEP-
(Note 4)
ON/
OFF
ON/
OFF
RESETIN-
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
“ALLOFF” bit
goes “H”
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
“PWROFF” bit
goes “H”
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Notes
1. This table only indicate the change of status caused by an event. Blank cells means “no change” and keep previous status
2. Power ON Event: Indicating a status just after the power ON event. After the event, a status of LDO1a, 2a, 3a, and
LDO6a are changed by TCXO_ON signal.
3. TCXO_ON: Hardware control, change all Main-LDO’ ON/OFF status.
4. SLEEP-: The LDO7 and LDO9 are able to be controlled by software if SLEEP=”H” level. If SLEEP- goes “L”, these
LDOs are turned OFF immediately.
Table 4c. Software Controllability of LDOs
LDO1a LDO1b LDO2a LDO2b LDO3a LDO3b LDO4
REFO
LDO5
LDO6a LDO6b LDO7
LDO8
LDO9 LDO10 LDO11
LDO description
Baseband VDD
Baseband
AVDD
Coin cell
Audio
REFO
Vibrator
Baseband Core
Rx1
Tx
Rx2
RF
Option
Option
Software Turn
ON
√√
(Note1)
(Note1)
√√
Software Turn
OFF
√√√√
√√
√√√
√√√√
Note
1. LDO7 and LDO9 have a gate with SLEEP-. If SLEEP- is in “L” (active) status, user cannot control and both LDOs are kept
to “OFF” status. User may want to use this function as immediate control to get OFF status by using SLEEP- hardware control
while set register “1” to the LDO control register.
2.9 RTC BLOCK
The Calendar registers are set through serial interface.
2.9.1 Function
RTC counter using binary
Reading out and writing setting s of Year, Month, Day, Week, Hour, Minute, and second data.
Leap year controls, Number of days in a month control
Alarm function (Weak, Hour, Minute)
Periodic Interrupt function - 2Hz, 1Hz, 1/60Hz, 1/3600Hz, Each month (First day of each month)
Protection of wrong data readout during RTC data update.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com