Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3500AST Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 14 -
1.2.2.
Flow Chart
N
Y
Battery charger start
V
ADAPTER>VBAT
?
Set Charger Detect flag
Pre-charge 5mA
VBAT>DDLO
?
BATID=0
?
BATID=0: Battery connected
BATID=1: Battery disconnected
Determined by external
sense resistor
Set Low Current Charge
I
ADAPTER=250mA
(50mV on Rsense)
Pre-charge: OFF
Current Loop Disabled
Voltage Loop Regulates
VBAT to 4.0V
Pre-charge: OFF
Voltage Detector
VLDO6>2.5V
AND
VLDO1>2.7V
?
LDO1,1b, 2, 2b, 3,6,6b
Voltage Detector
all enabled
LDO3b: ON
DDLO comparator will
operate if VBAT>2V.
Even if VBAT<2V, pre-
charge is continuously
applying 5mA.
RESETIN- should be
asserted until baseband
chip active.
Then, CHEN=1 as default.
Figure 6. Charger flow chart A
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com